Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 6 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 2Page - LSI Computer Systems YMF721 Datasheet HTML 3Page - LSI Computer Systems YMF721 Datasheet HTML 4Page - LSI Computer Systems YMF721 Datasheet HTML 5Page - LSI Computer Systems YMF721 Datasheet HTML 6Page - LSI Computer Systems YMF721 Datasheet HTML 7Page - LSI Computer Systems YMF721 Datasheet HTML 8Page - LSI Computer Systems YMF721 Datasheet HTML 9Page - LSI Computer Systems YMF721 Datasheet HTML 10Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
YMF721
July 10, 1997
- 6 -
FUNCTIONS
1. 1. Example of system configuration
1-1. System with MPU401 UART
This section describes two examples of systems that have an MPU401 UART in them.
In these examples, YMF701B, 711 or 715 (OPL3-SA, SA2 or SA3) has a built-in MPU401 UART.
(1) ISA BUS Connect System
Note :
YMF721 (OPL4-ML2) has MPU401 UART in it. Thus, for the above case, TXD of YMF7xx (OPL3-SAx)
is connected with RXD of YMF721 (OPL4-ML2) and MPU401 port (/MPUCS) of YMF721 (OPL4-ML2)
is disabled so that YMF7xx(OPL3-SAx) sends MIDI data directly to YMF721 (OPL4-ML2).
For the above case, FM synthesizer of YMF7xx (OPL3-SAx) is disabled and the one in YMF721 (OPL4-
ML2) is made active. (This control is made through /EXTEN pin of YMF7xx.) For the above system, the
data bus that connects with YMF721(OPL4-ML2) gains access to FM-synthesizer/Command/Control port
of YMF721(OPL4-ML2). (Chip select signal is outputted from /SYNCS pin of YMF7xx.)
For the source of master clock to be inputted to XI pin of YMF721 (OPL4-ML2), it is recommended to use
CLKO pin of YMF7xx (OPL3-SAx). For other methods, a crystal oscillator can be used by attaching it to
XI and XO pins of YMF721 (OPL4-ML), or a clock of 33.8688 MHz supplied from the system can be used.
When serial data outputs of YMF721 (OPL4-ML2), BCO, LRO and DO2 pins, are connected with external
serial data interface (BCLK_ML, LRCK_ML, SIN_ML) of YMF7xx (OPL3-SAx), the serial data is
converted to analog signal in YMF7xx (OPL3-SAx) and outputted as analog signal.
YMF7xx
(OPL3-SAx)
IOCHRDY
SA2-0
RESETDRV
/IOW
/IOR
SD7-0
TXD
LRCK_ML
BCLK_ML
SIN_ML
CLKO
/SYNCS
/EXTEN
ARDY
RST
A2-0
/IOW
/IOR
ADB7-0
ABDIR
XI
/OPLCS
/MPUCS
FSP
RXD
BCO
LRO
DO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com