Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 9 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 9 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 5Page - LSI Computer Systems YMF721 Datasheet HTML 6Page - LSI Computer Systems YMF721 Datasheet HTML 7Page - LSI Computer Systems YMF721 Datasheet HTML 8Page - LSI Computer Systems YMF721 Datasheet HTML 9Page - LSI Computer Systems YMF721 Datasheet HTML 10Page - LSI Computer Systems YMF721 Datasheet HTML 11Page - LSI Computer Systems YMF721 Datasheet HTML 12Page - LSI Computer Systems YMF721 Datasheet HTML 13Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
YMF721
July 10, 1997
- 9 -
2. ISA bus interface
8 bit parallel I/O of YMF721 (OPL4-ML2) can be connected with ISA bus. The ISA bus interface allows
transfer of commands between the each block of YMF721 (OPL4-ML2) and host.
Data Bus & Address Bus
ADB7-0
: ISA data bus
A2-0
: ISA address bus
/MPUCS
: MPU401 chip select
/OPLCS
: FM/Wavetable/Command/Control chip select
/IOW
: ISA write enable
/IOR
: ISA read enable
ABDIR
: Data bus direction switching (“L” : YMF721
® ISA)
ARDY
: I/O channel ready (“L” : busy)
Control of the data bus is made with /MPUCS, /OPLCS, /IOW and /IOR signals. The mode of
control of the data bus varies as follows according to the combination of states of the signals.
The direction of data transfer on the data bus is determined by ABDIR. In normal operation, the
internal data bus of YMF721 (OPL4-ML2) connects the built-in processor and FM/Wavetable
synthesizer blocks. Every time the ISA bus accesses the register for FM/Wavetable, an internal
arbitration circuit causes the internal bus to connect ISA bus and FM/Wavetable synthesizer
blocks. YMF721 (OPL4-ML2) uses I/O channel ready (ARDY pin) as the internal arbitration
circuit. ARDY becomes "L" (busy) every time data bus accesses the register for FM/Wavetable.
/MPUCS /OPLCS
/IOW
/IOR
A2
A1
A0
MODE
LH
H
L
´
L
L
MPU401 Acknowledge (FEh)
LH
LH
´
L
L
MPU401 MIDI Data write
LH
H
L
´
L
H
MPU401 Status read
LH
LH
´
L
H
MPU401 Command write
H
L
H
LLLL
FM-synth. Status read
H
L
L
H
L
H/L
L
FM-synth. Address write
HL
L
H
L
´
H
FM-synth. Data write
HL
HL
L
´
H
FM-synth. Data read
H
L
H
L
H
L
L
Wavetable-synth. Status read
H
L
L
H
H
L
L
Wavetable-synth. Address write
H
L
L
H
H
L
H
Wavetable-synth. Data write
H
L
H
L
H
L
H
Wavetable-synth. Data read
HL
HL
H
H
L
Command response read
H
L
L
HHH
L
Command write
H
L
L
HHHH
Control write
H
L
H
L
H
H
H
Status read
HL
H
H
´´´
No-active or UART mode
HH
´´´´´
No-active or UART mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com