Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 17 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 17 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 13Page - LSI Computer Systems YMF721 Datasheet HTML 14Page - LSI Computer Systems YMF721 Datasheet HTML 15Page - LSI Computer Systems YMF721 Datasheet HTML 16Page - LSI Computer Systems YMF721 Datasheet HTML 17Page - LSI Computer Systems YMF721 Datasheet HTML 18Page - LSI Computer Systems YMF721 Datasheet HTML 19Page - LSI Computer Systems YMF721 Datasheet HTML 20Page - LSI Computer Systems YMF721 Datasheet HTML 21Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
YMF721
July 10, 1997
- 17 -
6-4. Control/Status register
I/O port for Control/Status register is described here.
Control/Status Port (R/W):
port
D7
D6D5D4D3D2D1D0
OPL_Base + 7(W)
PDY
PDX
-
-
-
MPR
“0”
“1”
OPL_Base + 7(R)
PDY
PDX
-
BSEL
-
RESP
GBUSY
GDRQ
PDY, PDX...
YMF721 recovers from power down mode by using the
following sequence.
PDY=“1”, PDX=“0”
¯ wait time (in case of using crystal oscillation)
PDY=“0”, PDX=“0”
D7 and D6 bits of Status register become "1" during power
down mode. In this state, oscillation of clock can be confirmed
by monitoring the status bit during power down mode in/out
sequence.
MPR...
Setting this bit to "0" initializes internal processor. Default
value of this bit is "1".
BSEL...
This bit shows connection of internal bus of YMF721(OPL4-
ML2). Default value of this bit is "1".
“1” : Connecting synthesizer and internal processor
“0” : Connecting synthesizer and ISA bus
RESP...
Indicates that a response to a command has been received.
GBUSY...
Flag bit that indicates if data can be written into Command write
register.
“1” : BUSY
“0” : Data can be written
GDRQ...
Flag bit that indicates if data can be read from Response
register.
“1” : READY
“0” : Reading is inhibited
Default : (00x1 x000)b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com