Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 7 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 7 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 3Page - LSI Computer Systems YMF721 Datasheet HTML 4Page - LSI Computer Systems YMF721 Datasheet HTML 5Page - LSI Computer Systems YMF721 Datasheet HTML 6Page - LSI Computer Systems YMF721 Datasheet HTML 7Page - LSI Computer Systems YMF721 Datasheet HTML 8Page - LSI Computer Systems YMF721 Datasheet HTML 9Page - LSI Computer Systems YMF721 Datasheet HTML 10Page - LSI Computer Systems YMF721 Datasheet HTML 11Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
YMF721
July 10, 1997
- 7 -
(2) No ISA BUS Connect System
Note :
YMF721 (OPL4-ML2) has MPU401 UART in it. Thus, for the above case, TXD of YMF7xx (OPL3-SAx)
is connected with RXD of YMF721 (OPL4-ML2) and MPU401 port (/MPUCS) of YMF721 (OPL4-ML2)
is disabled so that YMF7xx(OPL3-SAx) sends MIDI data directly to YMF721 (OPL4-ML2).
The above system does not connect YMF721 (OPL4-ML2) and ISA bus, which is an example of Wavetable
upgrade solution represented by the Wavetable daughter card. Input pins of the ISA bus interface should be
pulled up externally. At this time, FM synthesizer/Command/Control ports are disabled, but the power
down function is enabled by receiving System Exclusive Message on the MIDI data, except that
Suspend/Resume function is disabled.
As a source of master clock for YMF721 (OPL4-ML2), use a crystal oscillator by connecting it to XI and
XO pins, or use the clock of 33.8688 MHz from the system. Connect BCO, LRO, DO2, /PDOUT and
CLKO directly to YAC516 (DAC16-L) as shown to convert serial data output to analog signal. Then, it is
recommended to input the converted analog signal to AUX2L and AUX2R of YMF7xx (OPL3-SAx) after
amplifying the volume of source of YMF721 through the gain of +12 dB as shown for the purpose of
equalizing the volumes of multiple sources.
YMF7xx
(OPL3-SAx)
RESET
TXD
Lch
AUX2L
Rch
AUX2R
LRCK
MCLK
/PDIN
BCLK
SDATA
ARDY
RST
A2-0
/IOW
/IOR
ADB7-0
ABDIR
/OPLCS
/MPUCS
FSP
RXD
/PDOUT
CLKO
BCO
LRO
DO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com