Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 4 Page - LSI Computer Systems

  YMF721 Datasheet HTML 1Page - LSI Computer Systems YMF721 Datasheet HTML 2Page - LSI Computer Systems YMF721 Datasheet HTML 3Page - LSI Computer Systems YMF721 Datasheet HTML 4Page - LSI Computer Systems YMF721 Datasheet HTML 5Page - LSI Computer Systems YMF721 Datasheet HTML 6Page - LSI Computer Systems YMF721 Datasheet HTML 7Page - LSI Computer Systems YMF721 Datasheet HTML 8Page - LSI Computer Systems YMF721 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
YMF721
July 10, 1997
- 4 -
Others : 39 pins
Pin name
pins
I/O
Type
Size
Function
5V/3V
1
I
CMOS
-
Selection of power supply
/RESETSEL
1
I+
TTL
-
RST signal polarity control pin
(When this pin is at "L", RST is active at "L".)
/PDOUT
1
O
CMOS
2mA
Power down control output
XI
1
I
CMOS
2mA
Crystal oscillator connection or master clock input
(33.8688 MHz)
XO
1
O
CMOS
2mA
Crystal oscillator connection pin
N.C.
34
-
-
-
To be open at normal use.
LSI test pins : 21 pins
Pin name
pins
I/O
Type
Size
Function
/TESTA
1
I+
TTL
-
To be open at normal use.
/TESTB
1
I+
TTL
-
To be open at normal use.
/TEST
1
I+
TTL
-
To be open at normal use.
/TEST2
1
I+
TTL
-
To be open at normal use.
/TEST3
1
I+
TTL
-
To be open at normal use.
T7-0
8
O
CMOS
2mA
To be open at normal use.
TD7-0
8
I/O
CMOS
2mA
To be open at normal use.
Power supply, ground : 11 pins
Pin name
pins
I/O
Type
Size
Function
VDD
4
-
-
-
Power supply (put on +5.0 V or +3.3V)
VSS
7
-
-
-
Ground
Total : 100 pins
Note : I+ : Input pin with built-in pull-up resistor, OD : Open drain output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com