Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 30 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 30 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 26Page - LSI Computer Systems YMF721 Datasheet HTML 27Page - LSI Computer Systems YMF721 Datasheet HTML 28Page - LSI Computer Systems YMF721 Datasheet HTML 29Page - LSI Computer Systems YMF721 Datasheet HTML 30Page - LSI Computer Systems YMF721 Datasheet HTML 31Page - LSI Computer Systems YMF721 Datasheet HTML 32Page - LSI Computer Systems YMF721 Datasheet HTML 33Page - LSI Computer Systems YMF721 Datasheet HTML 34Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
YMF721
July 10, 1997
- 30 -
Supplementary Information 2 (MIDI Data Format)
1. General
1-1. Application
The following MIDI information applies to the YMF721(OPL4-ML2).
1-2. Applicable Standards
MIDI 1.0 Standard
2. Channel Message
2-1. Send
YMF721(OPL4-ML2) has no transmitting function.
2-2. Receive
2-2-1. Note On/Off
This is a message to inform playing information.
Note On : 9nH kkH vvH
Note Off : 9nH kkH 00H or 8nH kkH vvH
*n : MIDI Channel No.
*kkH : Note No., vvH : Velocity (00 - 7F)
Received note range = C-2 ~ G8 (Note On only)
Verocity range = 1 ~ 127
2-2-2. Control Change
<BnH>
<Control No.>
<Data>
a) Bank Select
This is a message to select a bank of the designated receiving channel. However, the channel 10 does
not receive bank select since it is fixed to drum kit.
The normal voice is selected when Bank Select MSB is “0”, and drum kit when “127”.
After Bank Select MSB is received, it is necessary to receive Program Change.
Control No.
Parameter
Data range
0
Bank Select MSB
0 or 127
32
Bank Select LSB
don’t care
b) Modulation
This is a message to inform the depth of Vibrato.
Control No.
Parameter
Data range
1
Modulation
0 to 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com