Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 19 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 19 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 15Page - LSI Computer Systems YMF721 Datasheet HTML 16Page - LSI Computer Systems YMF721 Datasheet HTML 17Page - LSI Computer Systems YMF721 Datasheet HTML 18Page - LSI Computer Systems YMF721 Datasheet HTML 19Page - LSI Computer Systems YMF721 Datasheet HTML 20Page - LSI Computer Systems YMF721 Datasheet HTML 21Page - LSI Computer Systems YMF721 Datasheet HTML 22Page - LSI Computer Systems YMF721 Datasheet HTML 23Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
YMF721
July 10, 1997
- 19 -
Data Register Array 1 (R/W)
Index
D7
D6
D5
D4
D3
D2
D1
D0
00 - 01h
LSI TEST
04h
-
-
CONNECTION SEL
05h
-
-
-
-
-
NEW3
NEW2
NEW
20 - 35h
AM
VIB
EGT
KSR
MULT
40 - 55h
KSL
TL
60 - 75h
AR
DR
80 - 95h
SL
RR
A0 - A8h
F-NUM (L)
B0 - B8h
-
-
KON
BLOCK
F-NUM (H)
C0 - C8h
CHD
CHC
CHB
CHA
FB
CNT
E0 - F5h
---
--
WS
Default :
After initial clear, all the bits of Register Array 1 are cleared to "0" except NEW2 and NEW3 bits of
index 05h, and CHA and CHB bits of index C0-C8h.
For the details of these registers, refer to data sheet for YMF289B(OPL3-L).
Note :
Since NEW2 and 3 (at index 05h of Register array1) = 1 in default state, both LD and BUSY0 bits
are valid. (LD and BUSY0 bits are invalid when NEW2=0.) BUSY0 is a BUSY flag for both FM
and Wavetable registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com