Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 13 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 13 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 9Page - LSI Computer Systems YMF721 Datasheet HTML 10Page - LSI Computer Systems YMF721 Datasheet HTML 11Page - LSI Computer Systems YMF721 Datasheet HTML 12Page - LSI Computer Systems YMF721 Datasheet HTML 13Page - LSI Computer Systems YMF721 Datasheet HTML 14Page - LSI Computer Systems YMF721 Datasheet HTML 15Page - LSI Computer Systems YMF721 Datasheet HTML 16Page - LSI Computer Systems YMF721 Datasheet HTML 17Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
YMF721
July 10, 1997
- 13 -
<Power Down Sequence>
(1) Power Down in
When YMF721 (OPL4-ML2) has received the System Exclusive Message shown above, it goes
into the global power down mode after performing the processes as described in "5-1-1. ISA
BUS Connect System".
(2) Power Down out
Since the clock generation has been disabled, YMF721 (OPL4-ML2) is not able to recover from
the global power down mode by using the System Exclusive Message. Thus, the LSI needs to
receive the "3byte MIDI data" as shown below to recover from the global power down mode.
To resume normal operation through the recovery sequence, waiting time of 50 to 100 msec is
required before the oscillation of crystal stabilizes when internal oscillation is used, or 3 msec or
more before the recovery of clock generated in the synthesizer.
<Micro-processor Reset>
The internal microprocessor is reset by receiving the above System Exchange Message.
5-2. Suspend/Resume mode
The state of internal processor is suspended by writing "E0h" into the command register before turning
off the power. When the power has been turned on, it can be resumed by resetting it, writing "E1h" into
the command register and then writing data that has been read before suspended.
On FM synthesizer block, check setting KON bit to "0" for all channels before reading out all register
and turning off the power. Write register that has been read after turning on and resetting at the
recovery sequence.
For the details of suspend/resume, refer to 6-3.
Note :
The system that includes YMF721 not connected with ISA bus can not support the suspend/resume function.
<Power Down out>
<Power Down in>
System Exclusive : F0h, 43h, 79h, 04h,0Eh, 6Dh, F7h
receiving MIDI F8h
receiving MIDI E0h
(wait time ~100 msec)
all clock (X’tal)disable
Synthesizer clock disable
Synthesizer clock enable
Normal Operation
Power down sequence without ISA bus
receiving MIDI F8h
~30msec
~3msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com