Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 131Page - National Semiconductor (TI) PC87366 Datasheet HTML 132Page - National Semiconductor (TI) PC87366 Datasheet HTML 133Page - National Semiconductor (TI) PC87366 Datasheet HTML 134Page - National Semiconductor (TI) PC87366 Datasheet HTML 135Page - National Semiconductor (TI) PC87366 Datasheet HTML 136Page - National Semiconductor (TI) PC87366 Datasheet HTML 137Page - National Semiconductor (TI) PC87366 Datasheet HTML 138Page - National Semiconductor (TI) PC87366 Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 240 page
background image
6.0 General-Purpose Input/Output (GPIO) Port (Continued)
135
www.national.com
6.4.2
GPIO Pin Event Routing (GPEVR) Register
This is a group of eight identical configuration registers, each of which is associated with one GPIO pin. The entire set is
mapped to the PnP configuration space. The mapping scheme is based on the GPSEL register that functions as an index
register, and the specific GPER register that reflects the routing configuration of the currently selected pin. For details on the
GPSEL register, refer to the
Device Architecture and Configuration chapter.
This set of registers is applicable only for the enhanced GPIO port with event detection support. In the basic port this register
set is reserved, returns 0 on read and has no effect on port functionality.
Location:
Device specific
Type:
R/W
6.4.3
GPIO Port Runtime Register Map
Bit
76543210
Name
Reserved
GPIO Event
to PWUREQ
Enable
GPIO Event
to SMI
Enable
GPIO Event
to IRQ
Enable
Reset
00000001
Bit
Description
7-3
Reserved
2
GPIO Event to PWUREQ Enable. This bit is used to enable/disable the routing of the corresponding GPIO
detected event to PWUREQ.
0: Disabled (default)
1: Enabled
1
GPIO Event to SMI Enable. This bit is used to enable/disable the routing of the corresponding GPIO detected
event to SMI.
0: Disabled (default)
1: Enabled
0
GPIO Event to IRQ Enable. This bit is used to enable/disable the routing of the corresponding GPIO detected
event to IRQ.
0: Disabled
1: Enabled (default)
Offset
Mnemonic
Register Name
Type
Section
Device specific Note 1.
Note 1. The location of this register is defined in the
Device Architecture and Configuration
chapter in Section 2.15.1.
GPDO
GPIO Data Out
R/W
6.4.4
Device specific Note 1.
GPDI
GPIO Data In
RO
6.4.5
Device specific Note 1.
GPEVEN
GPIO Event Enable
R/W
6.4.6
Device specific Note 1.
GPEVST
GPIO Event Status
R/W1C
6.4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com