Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 135Page - National Semiconductor (TI) PC87366 Datasheet HTML 136Page - National Semiconductor (TI) PC87366 Datasheet HTML 137Page - National Semiconductor (TI) PC87366 Datasheet HTML 138Page - National Semiconductor (TI) PC87366 Datasheet HTML 139Page - National Semiconductor (TI) PC87366 Datasheet HTML 140Page - National Semiconductor (TI) PC87366 Datasheet HTML 141Page - National Semiconductor (TI) PC87366 Datasheet HTML 142Page - National Semiconductor (TI) PC87366 Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 240 page
background image
7.0 WATCHDOG Timer (WDT) (Continued)
139
www.national.com
7.3
WATCHDOG TIMER REGISTERS
The WATCHDOG Timer registers at offsets 00h-02h relative to the WATCHDOG base address, are shown in the following
register map. The base address is defined by designated registers in the WATCHDOG Timer device configuration register
set.
The following abbreviations are used to indicate the Register Type:
• R/W = Read/Write
• R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
• W=Write
• RO = Read Only
• R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
7.3.1
WATCHDOG Timer Register Map
7.3.2
WATCHDOG Timeout Register (WDTO)
This register holds the programmable timeout period, between 1 and 255 minutes. Writing to this register de-asserts the
WDO output and sets the WDO status bit to 1 (inactive). Additionally, writing to this register is interpreted as a command for
starting or stopping the WATCHDOG Timer, according to the data written. If a non-zero value is written, the timer is activated
(countdown starts). If a non-zero value is written when the counter is running, the timer is immediately reloaded with the new
value and starts counting down from the new value. If 00h is written, the timer and its outputs are de-activated.
Location:
Offset 00h
Type:
R/W
Offset Mnemonic
Register Name
Type
Section
00h
WDTO
WATCHDOG Timeout
R/W
7.3.2
01h
WDMSK
WATCHDOG Mask
R/W
7.3.3
02h
WDST
WATCHDOG Status
RO
7.3.4
03h
Reserved
Bit
76543210
Name
Programmed Timeout Period
Reset
00000000
Bit
Description
7-0
Programmed Timeout Period. These bits hold the binary value of the timeout period in minutes (1 to 255). A
value of 00h halts the counter and forces the outputs to inactive levels. A device reset clears the register to 00h.
00h: Timer and WDO outputs inactive
01h-FFh: Programmed timeout period (in minutes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com