Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 141 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 141 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 137Page - National Semiconductor (TI) PC87366 Datasheet HTML 138Page - National Semiconductor (TI) PC87366 Datasheet HTML 139Page - National Semiconductor (TI) PC87366 Datasheet HTML 140Page - National Semiconductor (TI) PC87366 Datasheet HTML 141Page - National Semiconductor (TI) PC87366 Datasheet HTML 142Page - National Semiconductor (TI) PC87366 Datasheet HTML 143Page - National Semiconductor (TI) PC87366 Datasheet HTML 144Page - National Semiconductor (TI) PC87366 Datasheet HTML 145Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 240 page
background image
7.0 WATCHDOG Timer (WDT) (Continued)
141
www.national.com
7.3.4
WATCHDOG Status Register (WDST)
This register holds the WATCHDOG Timer status, which reflects the value of the WDO pin and indicates that the timeout
period has expired.
On reset or on WATCHDOG Timer activation, this register is initialized to 01h.
Location:
Offset 02h
Type:
RO
7.4
WATCHDOG TIMER REGISTER BITMAP
Bit
76543210
Name
Reserved
WDO Value
Reset
00000001
Required
0
Bit
Description
7-1
Reserved
0
WDO Value. This bit reflects the value of the WDO signal (even if WDO is not configured for output).
0: WDO active
1: WDO inactive (default)
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
WDTO
Programmed Timeout Period
01h
WDMSK
Reserved
Serial Port 2
IRQ
Trigger
Enable
Serial Port 1
IRQ
Trigger
Enable
Mouse IRQ
Trigger
Enable
KBD IRQ
Trigger
Enable
02h
WDST
Reserved
WDO
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com