Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 133Page - National Semiconductor (TI) PC87366 Datasheet HTML 134Page - National Semiconductor (TI) PC87366 Datasheet HTML 135Page - National Semiconductor (TI) PC87366 Datasheet HTML 136Page - National Semiconductor (TI) PC87366 Datasheet HTML 137Page - National Semiconductor (TI) PC87366 Datasheet HTML 138Page - National Semiconductor (TI) PC87366 Datasheet HTML 139Page - National Semiconductor (TI) PC87366 Datasheet HTML 140Page - National Semiconductor (TI) PC87366 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 240 page
background image
6.0 General-Purpose Input/Output (GPIO) Port (Continued)
137
www.national.com
6.4.6
GPIO Event Enable Register (GPEVEN)
Location:
Device specific
Type:
R/W
6.4.7
GPIO Event Status Register (GPEVST)
Location:
Device specific
Type:
R/W1C
Bit
76543210
Name
Event Enable
Reset
00000000
Bit
Description
7
Event Enable. Bits 7-0 correspond to pins 7-0 respectively. Each bit enables system notification triggering by
the corresponding GPIO pin. The bit has no effect on the corresponding Status bit in the GPST register.
0: IRQ generation by corresponding GPIO pin masked
1: IRQ generation by corresponding GPIO pin enabled
6
5
4
3
2
1
0
Bit
76543210
Name
Status
Reset
00000000
Bit
Description
7
Status. Bits 7-0 correspond to pins 7-0 respectively. Each bit is an edge detector that is set to 1 by the hardware
upon detection of an active edge (i.e. edge that matches the IRQ Polarity bit) on the corresponding GPIO pin.
This edge detection is independent of the Event Type or the Event Enable bit in the GPEVEN register. However,
the bit may reflect the event status for enabled, edge-trigger event sources. Writing 1 to the Status bit clears it
to 0.
0: No active edge detected since last cleared
1: Active edge detected
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com