Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 140 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 140 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 136Page - National Semiconductor (TI) PC87366 Datasheet HTML 137Page - National Semiconductor (TI) PC87366 Datasheet HTML 138Page - National Semiconductor (TI) PC87366 Datasheet HTML 139Page - National Semiconductor (TI) PC87366 Datasheet HTML 140Page - National Semiconductor (TI) PC87366 Datasheet HTML 141Page - National Semiconductor (TI) PC87366 Datasheet HTML 142Page - National Semiconductor (TI) PC87366 Datasheet HTML 143Page - National Semiconductor (TI) PC87366 Datasheet HTML 144Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 240 page
background image
7.0 WATCHDOG Timer (WDT) (Continued)
140
www.national.com
7.3.3
WATCHDOG Mask Register (WDMSK)
This register is used to determine which system events (IRQ) are enabled as WATCHDOG Timer trigger events. An enabled
IRQ event becomes a trigger event that causes the timer to reload the WDTO and restart the countdown.
This register enables or masks the trigger events that restart the WATCHDOG timer.
Location:
Offset 01h
Type:
R/W
Bit
7654
3
2
10
Name
Reserved
Serial Port 2
IRQ Trigger
Enable
Serial Port 1
IRQ Trigger
Enable
Mouse IRQ
Trigger
Enable
KBD IRQ
Trigger
Enable
Reset
0000
0
0
00
Bit
Description
7-4
Reserved
3
Serial Port 2 IRQ Trigger Enable. This bit enables the IRQ assigned to Serial Port 2 to trigger WATCHDOG
Timer reloading.
0: Serial Port 2 IRQ not a trigger event
1: An active Serial Port 2 IRQ enabled as a trigger event
2
Serial Port 1 IRQ Trigger Enable. This bit enables the IRQ assigned to Serial Port 1 to trigger WATCHDOG
Timer reloading.
0: Serial Port 1 IRQ not a trigger event
1: An active Serial Port 1 IRQ enabled as a trigger event
1
Mouse IRQ Trigger Enable. This bit enables the IRQ assigned to the Mouse to trigger WATCHDOG Timer
reloading.
0: Mouse IRQ not a trigger event
1: An active Mouse IRQ enabled as a trigger event
0
KBD IRQ Trigger Enable. This bit enables the IRQ assigned to the Keyboard to trigger reloading of the
WATCHDOG timer.
0: Keyboard IRQ not a trigger event
1: An active Keyboard IRQ enabled as a trigger event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com