Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 148Page - National Semiconductor (TI) PC87366 Datasheet HTML 149Page - National Semiconductor (TI) PC87366 Datasheet HTML 150Page - National Semiconductor (TI) PC87366 Datasheet HTML 151Page - National Semiconductor (TI) PC87366 Datasheet HTML 152Page - National Semiconductor (TI) PC87366 Datasheet HTML 153Page - National Semiconductor (TI) PC87366 Datasheet HTML 154Page - National Semiconductor (TI) PC87366 Datasheet HTML 155Page - National Semiconductor (TI) PC87366 Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 240 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
152
www.national.com
8.3.6
ACB Own Address Register (ACBADDR)
This is a byte-wide register that holds the ACB ACCESS.bus address. The reset value of this register is undefined.
Location:
Offset 04h
Type:
R/W
8.3.7
ACB Control Register 2 (ACBCTL2)
This register enables/disables the functional block and determines the ACB clock rate.
Location:
Offset 05h
Type:
R/W
Bit
76543210
Name
SAEN
ADDR
Reset
Bit
Description
7
SAEN (Slave Address Enable)
0: ACB does not check for an address match with ADDR field
1: ADDR field holds a valid address and enables the match of ADDR to an incoming address byte
6-0
ADDR (Own Address). These bits hold the 7-bit device address. When in slave mode, the first 7 bits received
after a Start Condition are compared with this field (first bit received is compared with bit 6, and the last bit with
bit 0). If the address field matches the received data and SAEN (bit 7) is 1, a match is declared.
Bit
7
6543210
Name
SCLFRQ
ENABLE
Reset
0
0000000
Bit
Description
7-1
SCLFRQ (SCL Frequency). This field defines the SCL period (low and high time) when the device serves as a
bus master. The clock low and high times are defined as follows:
tSCLl =tSCLh = 2*SCLFRQ*tCLK
where tCLK is the module input clock cycle, as defined in the Device Architecture and Configuration chapter.
SCLFRQ can be programmed to values in the range of 00010002 (810) through 11111112 (12710). Using any
other value has unpredictable results.
0
Enable
0: ACB disabled, ACBCTL1, ACBST and ACBCST cleared, and clocks halted
1: ACB enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com