Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 152Page - National Semiconductor (TI) PC87366 Datasheet HTML 153Page - National Semiconductor (TI) PC87366 Datasheet HTML 154Page - National Semiconductor (TI) PC87366 Datasheet HTML 155Page - National Semiconductor (TI) PC87366 Datasheet HTML 156Page - National Semiconductor (TI) PC87366 Datasheet HTML 157Page - National Semiconductor (TI) PC87366 Datasheet HTML 158Page - National Semiconductor (TI) PC87366 Datasheet HTML 159Page - National Semiconductor (TI) PC87366 Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 240 page
background image
9.0 Game Port (GMP) (Continued)
156
www.national.com
9.2.3
Button Status Indication
The button(s) status indication mechanism is described in Figure 30. Although this figure shows an active-low button
(RBU0>>RBD0), the polarity of the button can be either high or low, assuming that the Game Port software is aware of the
button’s polarity.
Figure 30. Game Device Button Status Indication Mechanism
A simple push-button mechanism is usually used to implement the game device buttons. The status of each button is sensed
by the Game Port via the JOYnBTN0,1 pins as either high or low, and reflected by the GMPLST register. It is the responsi-
bility of the software to determine the actual status of the buttons according to their polarity, which depends on the specific
implementation of the system and the game device.
9.2.4
Operation Modes
The Game Port can be used to monitor the position and button status indicators in one of the following operation modes:
q
Legacy mode
q
Enhanced mode.
Legacy Mode
Legacy mode is enabled when bit 0 of the GMPCTL register is set to 0, which is its default state.
In this mode, the game device indicators are monitored by polling their momentary status via the Game Port Legacy Status
register (GMPLST, see Section 9.3.3).
The process of reading the position status of the game device(s) is initiated by performing a write access to offset 1 in the
Game Port address space. This write access causes the Game Port to release the JOYnX,Y pins. When a JOYnX,Y pin is
released, the corresponding bit in the GMPLST register is set to 1. To capture the position indicated by the game device,
the software must poll the GMPLST register and measure the time it takes for the JOYnX,Y to go high. This measurement
should be performed by measuring the time during which an axis bit is 1.
Reading the status of the buttons of the game device is done by polling the GMPLST register and looking for changes in the
bits reflecting the status of the JOYnBTN0,1 pins.
No debounce of the input signals is performed by the Game Port in Legacy mode. It is the responsibility of the software to
implement such debounce, if necessary.
Enhanced Mode
Enhanced mode is enabled when bit 0 of the GMPCTL register is set to 1.
In Enhanced mode, the Game Port hardware monitors the status indicators of the game device(s), and provides processed
data that can be easily used by software to determine the complete status of the game device.
The process of reading the position status of the game device(s) is initiated the same way it is done in Legacy mode. How-
ever, in Enhanced mode the Game Port hardware measures the CX/Y charging time using four 16-bit up-counters. Each one
of the four axis status lines (two lines per game device) has a dedicated counter.
Once the Game Port releases the JOYnX,Y to go high, each one of the counters starts counting until its associated axis
status line reaches the voltage level of logic 1.
RBU0
Game
Port
JOYnBTN0
JOYnBTN1
Game Device Button Status Circuit
Pins
Buttons 0,1
Status
Indicators
Input Path
RBD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com