Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 156Page - National Semiconductor (TI) PC87366 Datasheet HTML 157Page - National Semiconductor (TI) PC87366 Datasheet HTML 158Page - National Semiconductor (TI) PC87366 Datasheet HTML 159Page - National Semiconductor (TI) PC87366 Datasheet HTML 160Page - National Semiconductor (TI) PC87366 Datasheet HTML 161Page - National Semiconductor (TI) PC87366 Datasheet HTML 162Page - National Semiconductor (TI) PC87366 Datasheet HTML 163Page - National Semiconductor (TI) PC87366 Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 240 page
background image
9.0 Game Port (GMP) (Continued)
160
www.national.com
9.3.3
Game Port Legacy Status Register (GMPLST)
This register is functional in all Game Port operation modes. Reading this register returns the status and the state of Device
A and B button and Axis pins, as defined in the table below. Writing to the offset of this register initiates a game device po-
sition reading process by forcing a low pulse to be driven on the axis pins in Legacy and Enhanced modes, and by initializing
all position counters in Enhanced mode.
Location:
Offset 01h
Type:
RO
Bit
76543210
Name
Device B
Button 1
Pin Status
Device B
Button 0
Pin Status
Device A
Button 1
Pin Status
Device A
Button 0
Pin Status
Device B
Y-Axis Pin
Status
Device B
X-Axis Pin
Status
Device A
Y-Axis Pin
Status
Device A
X-Axis Pin
Status
Reset
XXXXXXXX
Bit
Description
7
Device B Button 1 Pin Status. This bit directly reflects the status of Device B Button 1 input pin.
0: Low
1: High
6
Device B Button 0 Pin Status. This bit directly reflects the status of Device B Button 0 input pin.
0: Low
1: High
5
Device A Button 1 Pin Status. This bit directly reflects the status of Device A Button 1 input pin.
0: Low
1: High
4
Device A Button 0 Pin Status. This bit directly reflects the status of Device A Button 0 input pin.
0: Low
1: High
3
Device B Y-Axis Pin Status. This bit reflects the state of Device B Y-axis input pin.
0: JOYBY pin is released for charging
1: JOYBY pin is driven low
2
Device B X-Axis Pin Status. This bit reflects the state of Device B X-axis input pin.
0: JOYBX pin is released for charging
1: JOYBX pin is driven low
1
Device A Y-Axis Pin Status. This bit reflects the state of Device A Y-axis input pin.
0: JOYAY pin is released for charging
1: JOYAY pin is driven low
0
Device A X-Axis Pin Status. This bit reflects the status of Device A X-axis input pin.
0: JOYAX pin is released for charging
1: JOYAX pin is driven low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com