Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 158Page - National Semiconductor (TI) PC87366 Datasheet HTML 159Page - National Semiconductor (TI) PC87366 Datasheet HTML 160Page - National Semiconductor (TI) PC87366 Datasheet HTML 161Page - National Semiconductor (TI) PC87366 Datasheet HTML 162Page - National Semiconductor (TI) PC87366 Datasheet HTML 163Page - National Semiconductor (TI) PC87366 Datasheet HTML 164Page - National Semiconductor (TI) PC87366 Datasheet HTML 165Page - National Semiconductor (TI) PC87366 Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 240 page
background image
9.0 Game Port (GMP) (Continued)
162
www.national.com
9.3.5
Game Port Interrupt Enable Register (GMPIEN)
This register defines the conditions on which the Game Port asserts its interrupt request signal.
This register is functional only in Enhanced mode.
Location:
Offset 03h
Type:
R/W
Bit
76543210
Name
Device B
Button 1
IRQ Enable
Device B
Button 0
IRQ Enable
Device A
Button 1
IRQ Enable
Device A
Button 0
IRQ Enable
Reserved
Position
IRQ Event
Definition
Device B
Position
IRQ Enable
Device A
Position
IRQ Enable
Reset
00000000
Bit
Description
7
Device B Button 1 IRQ Enable. When set to 1, the Game Port issues an interrupt request in response to an
event triggered by Button 1 of Device B. When set to 0, Button 1 of Device B cannot cause interrupt requests to
be issued.
0: Disabled (default)
1: Enabled
6
Device B Button 0 IRQ Enable. Same as bit 7 of this register, but for Device B Button 0.
0: Disabled (default)
1: Enabled
5
Device A Button 1 IRQ Enable. Same as bit 7 of this register, but for Device A Button 1.
0: Disabled (default)
1: Enabled
4
Device A Button 0 IRQ Enable. Same as bit 7 of this register, but for Device A Button 0.
0: Disabled (default)
1: Enabled
3
Reserved
2
Position IRQ Event Definition Defines the event on which the position IRQ is asserted for both game devices.
0: Both X-Position Counter and Y-Position Counter are ready
1: Either X-Position Counter or Y-Position Counter is ready
1
Device B Position IRQ Enable. When set to 1, the Game Port issues an interrupt request when the position
reading of Device B is completed and the position counters can be read. When set to 0, no interrupt request is
issued in response to any change in the status of Device B position counters.
0: Disabled (default)
1: Enabled
0
Device A Position IRQ Enable. Same as bit 2 of this register, but for Device A.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com