Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 157Page - National Semiconductor (TI) PC87366 Datasheet HTML 158Page - National Semiconductor (TI) PC87366 Datasheet HTML 159Page - National Semiconductor (TI) PC87366 Datasheet HTML 160Page - National Semiconductor (TI) PC87366 Datasheet HTML 161Page - National Semiconductor (TI) PC87366 Datasheet HTML 162Page - National Semiconductor (TI) PC87366 Datasheet HTML 163Page - National Semiconductor (TI) PC87366 Datasheet HTML 164Page - National Semiconductor (TI) PC87366 Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 240 page
background image
9.0 Game Port (GMP) (Continued)
161
www.national.com
9.3.4
Game Port Extended Status Register (GMPXST)
This register indicates which of the corresponding game device interface events have occurred. Writing 1 to a bit clears it.
Reading a position counter clears the corresponding Counter Ready bit. Writing to a bit 0 has no effect.
This register is functional only in Enhanced mode.
Location:
Offset 02h
Type:
R/W1C
Bit
76543210
Name
Device B
Button 1
Event
Status
Device B
Button 0
Event
Status
Device A
Button 1
Event
Status
Device A
Button 0
Event
Status
Device B
Y-Position
Counter
Ready
Device B
X-Position
Counter
Ready
Device A
Y-Position
Counter
Ready
Device A
X-Position
Counter
Ready
Reset
00000000
Bit
Description
7
Device B Button 1 Event Status. When set to 1, it indicates that a Device B Button 1 event has occurred. The
event itself is defined by the GMPEPOL register, see Section 9.3.14.
0: Event not active (default)
1: Event active
6
Device B Button 0 Event Status. When set to 1, it indicates that a Device B Button 0 event has occurred. The
event itself is defined by the GMPEPOL register, see Section 9.3.14.
0: Event not active (default)
1: Event active
5
Device A Button 1 Event Status. When set to 1, it indicates that a Device A Button 1 event has occurred. The
event itself is defined by the GMPEPOL register, see Section 9.3.14.
0: Event not active (default)
1: Event active
4
Device A Button 0 Event Status. When set to 1, it indicates that a Device A Button 0 event has occurred. The
event itself is defined by the GMPEPOL register, see Section 9.3.14.
0: Event not active (default)
1: Event active
3
Device B Y-Position Counter Ready. When set to 1, it indicates that the value of the Y-position counter of
Device B can now be read.
0: Event not active (default)
1: Event active
2
Device B X-Position Counter Ready. When set to 1, it indicates that value of the X-position counter of Device
B can now be read.
0: Event not active (default)
1: Event active
1
Device A X-Position Counter Ready. When set to 1, it indicates that the value of the Y-position counter of
Device A can now be read.
0: Event not active (default)
1: Event active
0
Device A X-Position Counter Ready. When set to 1, it indicates that the value of the X-position counter of
Device A can now be read.
0: Event not active (default)
1: Event active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com