Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 154Page - National Semiconductor (TI) PC87366 Datasheet HTML 155Page - National Semiconductor (TI) PC87366 Datasheet HTML 156Page - National Semiconductor (TI) PC87366 Datasheet HTML 157Page - National Semiconductor (TI) PC87366 Datasheet HTML 158Page - National Semiconductor (TI) PC87366 Datasheet HTML 159Page - National Semiconductor (TI) PC87366 Datasheet HTML 160Page - National Semiconductor (TI) PC87366 Datasheet HTML 161Page - National Semiconductor (TI) PC87366 Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 240 page
background image
9.0 Game Port (GMP) (Continued)
158
www.national.com
9.3
GAME PORT REGISTERS
The following abbreviations are used to indicate the Register Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
9.3.1
Game Port Register Map
The following table lists the Game Port registers. for the Game Port register bitmap, see Section 9.4.
Offset
Mnemonic
Register Name
Type
Section
00h
GMPCTL Game Port Control
R/W
9.3.2
01h
GMPLST
Game Port Legacy Status
RO
9.3.3
02h
GMPXST Game Port Extended Status
R/W1C
9.3.4
03h
GMPIEN
Game Port Interrupt Enable
R/W
9.3.5
04h
GMPAXL
Game Device A X Position Low Byte
RO
9.3.6
05h
GMPAXH Game Device A X Position High Byte
RO
9.3.7
06h
GMPAYL
Game Device A Y Position Low Byte
RO
9.3.8
07h
GMPAYH
Game Device A Y Position High Byte
RO
9.3.9
08h
GMPBXL Game Device B X Position Low Byte
RO
9.3.10
09h
GMPBXH Game Device B X Position High Byte
RO
9.3.11
0Ah
GMPBYL Game Device B Y Position Low Byte
RO
9.3.12
0Bh
GMPBYH Game Device B Y Position High Byte
RO
9.3.13
0Ch
GMPEPOL Game Port Event Polarity
R/W
9.3.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com