Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 154 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 154 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 150Page - National Semiconductor (TI) PC87366 Datasheet HTML 151Page - National Semiconductor (TI) PC87366 Datasheet HTML 152Page - National Semiconductor (TI) PC87366 Datasheet HTML 153Page - National Semiconductor (TI) PC87366 Datasheet HTML 154Page - National Semiconductor (TI) PC87366 Datasheet HTML 155Page - National Semiconductor (TI) PC87366 Datasheet HTML 156Page - National Semiconductor (TI) PC87366 Datasheet HTML 157Page - National Semiconductor (TI) PC87366 Datasheet HTML 158Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 240 page
background image
154
www.national.com
9.0
Game Port (GMP)
9.1
OVERVIEW
This chapter describes a generic Game Port. For the implementation used in this device, see the
Device Architecture and
Configuration chapter.
The Game Port monitors the interface of up to two game devices, and provides data that can be used to determine the exact
momentary status of these game devices.
A game device is an instrument used for giving commands to a PC, usually to control a game executed on that PC. A Joystick
is a commonly used game device. These commands are given by the game device in a passive manner, by indicating sev-
eral status parameters that can be captured by the system via the Game Port.
The status of a game device includes the following parameters:
q
Button status (pressed/released) of up to two buttons per game device
q
Horizontal (X-axis) position indicated by the game device
q
Vertical (Y-axis) position indicated by the game device.
Figure 27 shows the basic system configuration of the Game Port.
Figure 27. Game Port System Configuration
9.2
FUNCTIONAL DESCRIPTION
9.2.1
Game Device Axis Position Indication
A typical game device has the following interface pins:
q
an X-axis position indicator
q
a Y-axis position indicator
q
one or two button status indicator(s).
The X and Y axis indicators are fed into the Game Port via pins JOYnX and JOYnY, respectively, where ‘n’ indicates the
game device number. The status indicators of buttons 0 and 1 are fed into the Game Port via JOYnBTN0,1, respectively.
The X and Y axis position indication mechanism of each game device includes external components, as seen in Figure 28.
Such a mechanism is implemented per game device axis line.
Figure 28. Game Device Axis Position Indication Mechanism
Game
Port
Game
Device
Game Device
Interface
X-Axis
Y-Axis
Button 1
Button 0
Game
Device
Game
Device A
Circuitry
X-Axis
Y-Axis
Button 1
Button 0
RCX
RVX
CX
Game
Port
JOYnX
JOYnY
Game Device
X/Y-Axis Varying
Waveform Shaping Circuit
Pins
Resistor
X/Y-Axis
Circuit
Discharge
Control
X/Y-Axis
Indicators
Input
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com