Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 161Page - National Semiconductor (TI) PC87366 Datasheet HTML 162Page - National Semiconductor (TI) PC87366 Datasheet HTML 163Page - National Semiconductor (TI) PC87366 Datasheet HTML 164Page - National Semiconductor (TI) PC87366 Datasheet HTML 165Page - National Semiconductor (TI) PC87366 Datasheet HTML 166Page - National Semiconductor (TI) PC87366 Datasheet HTML 167Page - National Semiconductor (TI) PC87366 Datasheet HTML 168Page - National Semiconductor (TI) PC87366 Datasheet HTML 169Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 240 page
background image
9.0 Game Port (GMP) (Continued)
165
www.national.com
9.3.14
Game Port Event Polarity Register (GMPEPOL)
This register defines the polarity of button events on which the Game Port issues an interrupt request.
This register is functional only in Enhanced mode.
Location:
Offset 0Ch
Type:
R/W
Bit
76543210
Name
Device B Button 1 Event
Polarity
Device B Button 0 Event
Polarity
Device A Button 1 Event
Polarity
Device A Button 0 Event
Polarity
Reset
00000000
Bit
Description
7-6
Device B Button 1 Event Polarity. This bit defines the event polarity on which Device B Button 1 issues an
interrupt request.
Bits
7 6
Number
0 0
None (default)
0 1
Rising edge
1 0
Falling edge
1 1
Rising and falling edge
5-4
Device B Button 0 Event Polarity. Same as bits 7-6 of this register, but for Device B Button 0.
Bits
5 4
Number
0 0
None (default)
0 1
Rising edge
1 0
Falling edge
1 1
Rising and falling edge
3-2
Device A Button 1 Event Polarity. Same as bits 7-6 of this register, but for Device A Button 1.
Bits
3 2
Number
0 0
None (default)
0 1
Rising edge
1 0
Falling edge
1 1
Rising and falling edge
1-0
Device A Button 0 Event Polarity. Same as bits 7-6 of this register, but for Device A Button 0.
Bits
1 0
Number
0 0
None (default)
0 1
Rising edge
1 0
Falling edge
1 1
Rising and falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com