Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 204 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 204 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 200Page - National Semiconductor (TI) PC87366 Datasheet HTML 201Page - National Semiconductor (TI) PC87366 Datasheet HTML 202Page - National Semiconductor (TI) PC87366 Datasheet HTML 203Page - National Semiconductor (TI) PC87366 Datasheet HTML 204Page - National Semiconductor (TI) PC87366 Datasheet HTML 205Page - National Semiconductor (TI) PC87366 Datasheet HTML 206Page - National Semiconductor (TI) PC87366 Datasheet HTML 207Page - National Semiconductor (TI) PC87366 Datasheet HTML 208Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 240 page
background image
12.0 Temperature Sensor (TMS) (Continued)
204
www.national.com
12.3.7
Temperature Channel Configuration and Status Register (TCHCFST)
This register is set to 00h on power-up of AVDD. Bits 3-1 indicate which of three temperature limits has been exceeded. Write
1 to clear any of these bits. Writing 0 has no effect.
Location:
Offset 0Ah
Type:
Varies per bit
Bit
76543210
Name
End of
Conversion
Open
OTS Output
Enable
ALERT
Output
Enable
Channel
Overtemp
Limit
Exceeded
Channel
Temp High
Limit
Exceeded
Channel
Temp Low
Limit
Exceeded
Channel
Enable
Reset
00000000
Bit
Type
Description
7
R/W1C End of Conversion. This bit reflects the data in the RDCHT register. It is cleared by writing 1 to this bit.
It is set when new data is written to the RDCHT register.
0: No new data (default)
1: New data not yet read
6
R/W1C Open
0: No fault (default)
1: Remote diode continuity (open circuit) fault
5
R/W OTS Output Enable
0: Disabled (default)
1: Enabled
4
R/W ALERT Output Enable
0: Disabled (default)
1: Enabled
3
R/W1C Channel Overtemperature Limit Exceeded
0: Overtemperature lower than limit (default)
1: Overtemperature higher than limit
2
R/W1C Channel Temperature High Limit Exceeded
0: Temperature lower than limit (default)
1: Temperature higher than limit
1
R/W1C Channel Temperature Low Limit Exceeded. This bit is set whenever a value lower than the value
specified in CHTL is written into RDCHT. It is cleared by writing 1 to it.
0: Temperature higher than limit (default)
1: Temperature lower than limit
0
R/W Channel Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com