Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 205 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 205 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 201Page - National Semiconductor (TI) PC87366 Datasheet HTML 202Page - National Semiconductor (TI) PC87366 Datasheet HTML 203Page - National Semiconductor (TI) PC87366 Datasheet HTML 204Page - National Semiconductor (TI) PC87366 Datasheet HTML 205Page - National Semiconductor (TI) PC87366 Datasheet HTML 206Page - National Semiconductor (TI) PC87366 Datasheet HTML 207Page - National Semiconductor (TI) PC87366 Datasheet HTML 208Page - National Semiconductor (TI) PC87366 Datasheet HTML 209Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 240 page
background image
12.0 Temperature Sensor (TMS) (Continued)
205
www.national.com
12.3.8
Read Channel Temperature Register (RDCHT)
This register holds the last temperature readout for each channel. The value is an 8-bit, 2’s compliment word with a Least
Significant Bit (LSB) equal to 1
° C, of the temperature measured by the channel.
Location:
Offset 0Bh
Type:
RO
12.3.9
Channel Temperature High Limit Register (CHTH)
This register holds the temperature high limit value that is compared with the temperature reading.
Location:
Offset 0Ch
Type:
R/W
12.3.10 Channel Temperature Low Limit Register (CHTL)
This register holds the temperature low limit value that is compared with the temperature reading.
Location:
Offset 0Dh
Type:
R/W
12.3.11 Channel Overtemperature Limit Register (CHOTL)
This register holds the overtemperature limit value that is compared with the temperature reading.
Location:
Offset 0Eh
Type:
R/W
Bit
76543210
Name
Channel Temperature Value
Reset
00000000
Bit
76543210
Name
Channel Temperature High Limit Value
Reset
01111111
Bit
76543210
Name
Channel Temperature Low Limit Value
Reset
11001001
Bit
76543210
Name
Channel Overtemperature Limit Value
Reset
01111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com