Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 206 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 206 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 202Page - National Semiconductor (TI) PC87366 Datasheet HTML 203Page - National Semiconductor (TI) PC87366 Datasheet HTML 204Page - National Semiconductor (TI) PC87366 Datasheet HTML 205Page - National Semiconductor (TI) PC87366 Datasheet HTML 206Page - National Semiconductor (TI) PC87366 Datasheet HTML 207Page - National Semiconductor (TI) PC87366 Datasheet HTML 208Page - National Semiconductor (TI) PC87366 Datasheet HTML 209Page - National Semiconductor (TI) PC87366 Datasheet HTML 210Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 240 page
background image
12.0 Temperature Sensor (TMS) (Continued)
206
www.national.com
12.4 TMS REGISTER BITMAP
12.4.1
TMS Control and Status Registers
12.4.2
TMS Channel Registers
12.5 USAGE HINTS
12.5.1
Remote Diode Selection
Temperature accuracy depends on a good quality transistor, used as a diode-connected,small-signal transistor. Accuracy
has been experimentally verified for the Motorola and other devices listed in Table 56. A temperature sensor can directly
measure the die temperature of CPUs with on-board temperature-sensing diodes.
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
TEVSTS
Reserved
Local
Overtemp
Event
Status
Local
ALERT
Event
Status
Remote 2
Overtemp
Event
Status
Remote 2
ALERT
Event
Status
Remote 1
Overtemp
Event
Status
Remote 1
ALERT
Event
Status
01h
Reserved
02h
TEVSMI
Reserved
Local
Overtemp
Event to
SMI
Enable
Local
ALERT
Event to
SMI
Enable
Remote 2
Overtemp
Event to
SMI
Enable
Remote 2
ALERT
Event to
SMI
Enable
Remote 1
Overtemp
Event to
SMI
Enable
Remote 1
ALERT
Event to
SMI
Enable
03h
Reserved
04h
TEVIRQ
Reserved
Local
Overtemp
Event to
IRQ
Enable
Local
ALERT
Event to
IRQ
Enable
Remote 2
Overtemp
Event to
IRQ
Enable
Remote 2
ALERT
Event to
IRQ
Enable
Remote 1
Overtemp
Event to
IRQ
Enable
Remote 1
ALERT
Event to
IRQ
Enable
05h-
07h
Reserved
08h
TMSCFG
Reserved
External
VREF
Standby
Mode
09h
TMSBS
Reserved
Bank Select
Register
Bits
Offset
Mnemonic
76543210
0Ah
TCHCFST
End of
Conversion
Open
OTS
Output
Enable
ALERT
Output
Enable
Channel
Overtemp
Limit
Exceeded
Channel
Temp High
Limit
Exceeded
Channel
Temp Low
Limit
Exceeded
Channel
Enable
0Bh
RDCHT
Channel Temperature Value
0Ch
CHTH
Channel Temperature High Limit Value
0Dh
CHTL
Channel Temperature Low Limit Value
0Eh
CHOTL
Channel Overtemperature Value
0Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com