Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 210 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 210 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 206Page - National Semiconductor (TI) PC87366 Datasheet HTML 207Page - National Semiconductor (TI) PC87366 Datasheet HTML 208Page - National Semiconductor (TI) PC87366 Datasheet HTML 209Page - National Semiconductor (TI) PC87366 Datasheet HTML 210Page - National Semiconductor (TI) PC87366 Datasheet HTML 211Page - National Semiconductor (TI) PC87366 Datasheet HTML 212Page - National Semiconductor (TI) PC87366 Datasheet HTML 213Page - National Semiconductor (TI) PC87366 Datasheet HTML 214Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 240 page
background image
210
www.national.com
13.0 Legacy Functional Blocks
This chapter briefly describes the following blocks that provide legacy device functions:
q
Keyboard and Mouse Controller (KBC)
q
Floppy Disk Controller (FDC)
q
Parallel Port
q
Serial Port 1 (SP1), UART Functionality for both Serial Port 1 and Serial Port 2
q
Serial Port 2 (SP2), Infrared Functionality
The description of each Legacy block includes the sections listed below. For more information about legacy blocks, contact
your National representative.
q
General Description
q
Register Map table(s)
q
Bitmap table(s).
The register maps in this chapter use the following abbreviations for Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
13.1 KEYBOARD AND MOUSE CONTROLLER (KBC)
13.1.1
General Description
The KBC is implemented physically as a single hardware module and houses two separate logical devices: a Mouse con-
troller and a Keyboard controller.
The KBC is functionally equivalent to the industry standard 8042A Keyboard controller, which may serve as a detailed tech-
nical reference for the KBC.
13.1.2
KBC Register Map
13.1.3
KBC Bitmap Summary
Offset
Mnemonic
Register Name
Type
00h
DBBOUT Read KBC Data
R
DBBIN
Write KBC Data
W
04h
STATUS Read Status
R
DBBIN
Write KBC Command
W
Register
Bits
Offset
Mnemonic
76543210
00h
DBBOUT
KBC Data Bits (For Read cycles)
DBBIN
KBC Data Bits (For Write cycles)
04h
STATUS
General Purpose Flags
F1
F0
IBF
OBF
DBBIN
KBC Command Bits (For Write cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com