Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 211 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 211 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 207Page - National Semiconductor (TI) PC87366 Datasheet HTML 208Page - National Semiconductor (TI) PC87366 Datasheet HTML 209Page - National Semiconductor (TI) PC87366 Datasheet HTML 210Page - National Semiconductor (TI) PC87366 Datasheet HTML 211Page - National Semiconductor (TI) PC87366 Datasheet HTML 212Page - National Semiconductor (TI) PC87366 Datasheet HTML 213Page - National Semiconductor (TI) PC87366 Datasheet HTML 214Page - National Semiconductor (TI) PC87366 Datasheet HTML 215Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 240 page
background image
13.0 Legacy Functional Blocks (Continued)
211
www.national.com
13.2 FLOPPY DISK CONTROLLER (FDC)
13.2.1
General Description
The generic FDC is a standard FDC with a digital data separator, and is DP8473 and N82077 software compatible.
The FDC is implemented in this device as follows:
q
FM and MFM modes are supported. To select either mode, set bit 6 of the first command byte when writing to/read-
ing from a diskette, where:
0 = FM mode
1 = MFM mode
q
Automatic media sense is not supported (MSEN0-1 pins are not implemented).
q
DRATE1 is not supported.
q
A logic 1 is returned for all floating (TRI-STATE) FDC register bits upon LPC I/O read cycles.
13.2.2
FDC Register Map
Offset
Mnemonic
Register Name
Type
00h
SRA
Status A
RO
01h
SRB
Status B
RO
02h
DOR
Digital Output
R/W
03h
TDR
Tape Drive
R/W
04h
MSR
Main Status
R
DSR
Data Rate Select
W
05h
FIFO
Data (FIFO)
R/W
06h
Reserved
07h
DIR
Digital Input
R
CCR
Configuration Control
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com