Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366 Datasheet(PDF) 209 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 209 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 205Page - National Semiconductor (TI) PC87366 Datasheet HTML 206Page - National Semiconductor (TI) PC87366 Datasheet HTML 207Page - National Semiconductor (TI) PC87366 Datasheet HTML 208Page - National Semiconductor (TI) PC87366 Datasheet HTML 209Page - National Semiconductor (TI) PC87366 Datasheet HTML 210Page - National Semiconductor (TI) PC87366 Datasheet HTML 211Page - National Semiconductor (TI) PC87366 Datasheet HTML 212Page - National Semiconductor (TI) PC87366 Datasheet HTML 213Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 240 page
background image
12.0 Temperature Sensor (TMS) (Continued)
209
www.national.com
12.5.4
Twisted Pair and Shielded Cables
For remote sensor distances longer than 8 in., or in particularly noisy environments, a twisted pair is recommended. Its prac-
tical length is 6 feet to 12 feet (typical) before noise becomes a problem, as tested in a noisy electronics laboratory. For
longer distances, the best solution is a shielded twisted pair like that used for audio microphones. Connect the twisted pair
to DXP and DXN and the shield to GND, and leave the shield’s remote end unterminated.
Excess capacitance at DX_ limits practical remote sensor distances. For very long cable runs, the cable’s parasitic capaci-
tance often provides noise filtering, so the 2200 pF capacitor can often be removed or reduced in value.
Cable resistance also affects remote sensor accuracy; 1
Ω series resistance introduces about +1/2˚C error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com