Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 212 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 208Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 209Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 210Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 211Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 212Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 213Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 214Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 215Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 227 page
background image
1
4
5
MDCLK
MDIO
(input)
3
3
1
7
MDCLK
MDIO
(output)
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.21.2
Management Data Input/Output (MDIO) Electrical Data/Timing
Table 6-99. Timing Requirements for MDIO Input (see Figure 6-72 and Figure 6-73)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
1
tc(MDCLK)
Cycle time, MDCLK
400
ns
2
tw(MDCLK)
Pulse duration, MDCLK high/low
180
ns
3
tt(MDCLK)
Transition time, MDCLK
5
ns
4
tsu(MDIO-MDCLKH)
Setup time, MDIO data input valid before MDCLK high
15
ns
5
th(MDCLKH-MDIO)
Hold time, MDIO data input valid after MDCLK high
0
ns
Figure 6-72. MDIO Input Timing
Table 6-100. Switching Characteristics Over Recommended Operating Conditions for MDIO Output
(see Figure 6-73)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
7
td(MDCLKL-MDIO)
Delay time, MDCLK low to MDIO data output valid
-0.6
100
ns
Figure 6-73. MDIO Output Timing
212
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com