Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 215 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 215 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 211Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 212Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 213Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 214Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 215Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 216Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 217Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 218Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.23
Pulse Width Modulator (PWM)
The 3 DM6446 Pulse Width Modulator (PWM) peripherals support the following features:
•
Period counter
•
First-phase duration counter
•
Repeat count for one-shot operation
•
Configurable to operate in either one-shot or continuous mode
•
Buffered period and first-phase duration registers
•
One-shot operation triggerable by hardware events with programmable edge transitions. (low-to-high or
high-to-low).
•
One-shot operation generates N+1 periods of waveform, N being the repeat count register value
•
Emulation support
The register memory maps for PWM0/1/2 are shown in Table 6-105, Table 6-106, and Table 6-107.
Table 6-105. PWM0 Register Memory Map
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C2 2000
Reserved
0x01C2 2004
PCR
PWM0 Peripheral Control Register
0x01C2 2008
CFG
PWM0 Configuration Register
0x01C2 200C
START
PWM0 Start Register
0x01C2 2010
RPT
PWM0 Repeat Count Register
0x01C2 2014
PER
PWM0 Period Register
0x01C2 2018
PH1D
PWM0 First-Phase Duration Register
0x01C2 201C - 0x01C2 23FF
-
Reserved
Table 6-106. PWM1 Register Memory Map
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C2 2400
Reserved
0x01C2 2404
PCR
PWM1 Peripheral Control Register
0x01C2 2408
CFG
PWM1 Configuration Register
0x01C2 240C
START
PWM1 Start Register
0x01C2 2410
RPT
PWM1 Repeat Count Register
0x01C2 2414
PER
PWM1 Period Register
0x01C2 2418
PH1D
PWM1 First-Phase Duration Register
0x01C2 241C -0x01C2 27FF
-
Reserved
Table 6-107. PWM2 Register Memory Map
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C2 2800
Reserved
0x01C2 2804
PCR
PWM2 Peripheral Control Register
0x01C2 2808
CFG
PWM2 Configuration Register
0x01C2 280C
START
PWM2 Start Register
0x01C2 2810
RPT
PWM2 Repeat Count Register
0x01C2 2814
PER
PWM2 Period Register
0x01C2 2818
PH1D
PWM2 First-Phase Duration Register
0x01C2 281C - 0x01C2 2BFF
-
Reserved
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
215
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com