Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 218 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 218 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 214Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 215Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 216Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 217Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 218Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 219Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 220Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 221Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-109. VLYNQ Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01E0 1044
AUTNGO
VLYNQ Local Auto Negotiation Register
0x01E0 1048
-
Reserved
0x01E0 104C
-
Reserved
0x01E0 1050 - 0x01E0 105C
-
Reserved
0x01E0 1060
-
Reserved
0x01E0 1064
-
Reserved
0x01E0 1068 - 0x01E0 107C
-
Reserved for future use
0x01E0 1080
RREVID
VLYNQ Remote Revision Register
0x01E0 1084
RCTRL
VLYNQ Remote Control Register
0x01E0 1088
RSTAT
VLYNQ Remote Status Register
0x01E0 108C
RINTPRI
VLYNQ Remote Interrupt Priority Vector Status/Clear Register
0x01E0 1090
RINTSTATCLR
VLYNQ Remote Unmasked Interrupt Status/Clear Register
0x01E0 1094
RINTPENDSET
VLYNQ Remote Interrupt Pending/Set Register
0x01E0 1098
RINTPTR
VLYNQ Remote Interrupt Pointer Register
0x01E0 109C
RXAM
VLYNQ Remote Transmit Address Map Register
0x01E0 10A0
RRAMS1
VLYNQ Remote Receive Address Map Size 1 Register
0x01E0 10A4
RRAMO1
VLYNQ Remote Receive Address Map Offset 1 Register
0x01E0 10A8
RRAMS2
VLYNQ Remote Receive Address Map Size 2 Register
0x01E0 10AC
RRAMO2
VLYNQ Remote Receive Address Map Offset 2 Register
0x01E0 10B0
RRAMS3
VLYNQ Remote Receive Address Map Size 3 Register
0x01E0 10B4
RRAMO3
VLYNQ Remote Receive Address Map Offset 3 Register
0x01E0 10B8
RRAMS4
VLYNQ Remote Receive Address Map Size 4 Register
0x01E0 10BC
RRAMO4
VLYNQ Remote Receive Address Map Offset 4 Register
VLYNQ Remote Chip Version Register (values on the device_id and
0x01E0 10C0
RCHIPVER
device_rev pins of remote VLYNQ)
0x01E0 10C4
RAUTNGO
VLYNQ Remote Auto Negotiation Register
0x01E0 10C8
RMANNGO
VLYNQ Remote Manual Negotiation Register
0x01E0 10CC
RNGOSTAT
VLYNQ Remote Negotiation Status Register
0x01E0 10D0 - 0x01E0 10DC
-
Reserved
VLYNQ Remote Interrupt Vectors 3 - 0 (sourced from vlynq_int_i[3:0] port of
0x01E0 10E0
RINTVEC0
remote VLYNQ)
VLYNQ Remote Interrupt Vectors 7 - 4 (sourced from vlynq_int_i[7:4] port of
0x01E0 10E4
RINTVEC1
remote VLYNQ)
0x01E0 10E8 - 0x01E0 10FC
-
Reserved for future use
0x01E0 1100 - 0x01E0 1FFF
-
Reserved
218
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com