Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 220 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 220 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 216Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 217Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 218Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 219Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 220Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 221Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 222Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 223Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 227 page
background image
VLYNQ_CLK
VLYNQ_TXD[3:0]
VLYNQ_RXD[3:0]
1
2
3
4
Data
Data
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-111. Switching Characteristics Over Recommended Operating Conditions for Transmit Data for
the VLYNQ Module (see Figure 6-78)
A-513,
-594,
NO.
PARAMETER
UNIT
-810
MIN
MAX
Delay time, VLYNQ_CLK high to VLYNQ_TXD[3:0] invalid
1
ns
[SLOW Mode]
1
td(VCLKH-TXDI)
Delay time, VLYNQ_CLK high to VLYNQ_ TXD[3:0] invalid
0.5
ns
[FAST Mode]
2
td(VCLKH-TXDV)
Delay time, VLYNQ_CLK to VLYNQ_TXD[3:0] valid
9.75
ns
Table 6-112. Timing Requirements for Receive Data for the VLYNQ Module (see Figure 6-78)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
RTM disabled, RTM sample = 3
0.8
ns
RTM enabled, RXD Flop = 0
2.2
ns
RTM enabled, RXD Flop = 1
1.9
ns
RTM enabled, RXD Flop = 2
1.4
ns
Setup time, VLYNQ_RXD[3:0] valid before
3
tsu(RXDV-VCLKH)
RTM enabled, RXD Flop = 3
0.8
ns
VLYNQ_CLK high
RTM enabled, RXD Flop = 4
0.4
ns
RTM enabled, RXD Flop = 5
0.1
ns
RTM enabled, RXD Flop = 6
-0.2
ns
RTM enabled, RXD Flop = 7
-0.4
ns
RTM disabled, RTM sample = 3
2
ns
RTM enabled, RXD Flop = 0
0.6
ns
RTM enabled, RXD Flop = 1
1.0
ns
RTM enabled, RXD Flop = 2
1.5
ns
Hold time, VLYNQ_RXD[3:0] valid after
4
th(VCLKH-RXDV)
RTM enabled, RXD Flop = 3
2.0
ns
VLYNQ_CLK high
RTM enabled, RXD Flop = 4
2.5
ns
RTM enabled, RXD Flop = 5
3.0
ns
RTM enabled, RXD Flop = 6
3.5
ns
RTM enabled, RXD Flop = 7
4.0
ns
Figure 6-78. VLYNQ Transmit/Receive Timing
220
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com