Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 221 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 221 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 217Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 218Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 219Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 220Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 221Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 222Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 223Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 224Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 225Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.25 IEEE 1149.1 JTAG
The JTAG(1) interface is used for BSDL testing and emulation of the DM6446 device.
The DM6446 device requires that both TRST and RESET be asserted upon power up to be properly
initialized. While RESET initializes the device, TRST initializes the device's emulation logic. Both resets
are required for proper operation.
While both TRST and RESET need to be asserted upon power up, only RESET needs to be released for
the device to boot properly. TRST may be asserted indefinitely for normal operation, keeping the JTAG
port interface and device's emulation logic in the reset state.
TRST only needs to be released when it is necessary to use a JTAG controller to debug the device or
exercise the device's boundary scan functionality.
RESET must be released only in order for boundary-scan JTAG to read the variant field of IDCODE
correctly. Other boundary-scan instructions work correctly independent of current state of RESET.
For maximum reliability, DM6446 includes an internal pulldown (IPD) on the TRST pin to ensure that
TRST will always be asserted upon power up and the device's internal emulation logic will always be
properly initialized.
JTAG controllers from Texas Instruments actively drive TRST high. However, some third-party JTAG
controllers may not drive TRST high but expect the use of a pullup resistor on TRST.
When using this type of JTAG controller, assert TRST to initialize the device after powerup and externally
drive TRST high before attempting any emulation or boundary scan operations.
Note: The sequencing of all the JTAG signals must follow the IEEE.1149.1 JTAG standard.
6.25.1
JTAG Peripheral Register Description(s) – JTAG ID Register
Table 6-113. JTAG ID Register
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
Read-only. Provides 32-bit
0x01C4 0028
JTAGID
JTAG Identification Register
JTAG ID of the device.
(1)
IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
The JTAG ID register is a read-only register that identifies to the customer the JTAG/Device ID. For the
DM6446 device, the JTAG ID register resides at address location 0x01C4 0028. The register hex value for
DM6446 is: 0x0B70 002F for silicon revisions 1.3 and earlier, and 0x1B70 002F for silicon revisions
2.1 and later. For the actual register bit names and their associated bit field descriptions, see Figure 6-79
and Table 6-114.
31-28
27-12
11-1
0
VARIANT
PART NUMBER (16-Bit)
MANUFACTURER (11-Bit)
LSB
(4-Bit)(A)
R-000x
R-1011 0111 0000 0000
R-0000 0010 111
R-1
LEGEND: R = Read, W = Write, n = value at reset
(A) For silicon revisions 1.3 and earlier, VARIANT = 0000. For silicon revisions 2.1 and later, VARIANT = 0001.
Figure 6-79. JTAG ID Register Description - DM6446 Register Value - 0xXB70 002F
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
221
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com