Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 222 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 222 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 218Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 219Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 220Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 221Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 222Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 223Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 224Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 225Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 226Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 227 page
background image
TCK
TDO
TDI/TMS
1
7
2
3
RTCK
4
5
6
9
8
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-114. JTAG ID Register Selection Bit Descriptions
BIT
NAME
DESCRIPTION
Variant (4-Bit) value. DM6446 value: 0000 for silicon revisions 1.3 and earlier, and 0001 for
31:28
VARIANT
silicon revisions 2.1 and later.
27:12
PART NUMBER
Part Number (16-Bit) value. DM6446 value: 1011 0111 0000 0000.
11-1
MANUFACTURER
Manufacturer (11-Bit) value. DM6446 value: 0000 0010 111.
0
LSB
LSB. This bit is read as a "1" for DM6446.
6.25.2
JTAG Test-Port Electrical Data/Timing
Table 6-115. Timing Requirements for JTAG Test Port (see Figure 6-80)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
1
tc(TCK)
Cycle time, TCK
20
ns
2
tw(TCKH)
Pulse duration, TCK high
8
ns
3
tw(TCKL)
Pulse duration, TCK low
8
ns
4
tc(RTCK)
Cycle time, RTCK
20
ns
5
tw(RTCKH)
Pulse duration, RTCK high
10
ns
6
tw(RTCKL)
Pulse duration, RTCK low
10
ns
7
tsu(TDIV-RTCKH)
Setup time, TDI/TMS valid before RTCK high
10
ns
8
th(RTCKH-TDIV)
Hold time, TDI/TMS valid after RTCK high
1
ns
Table 6-116. Switching Characteristics Over Recommended Operating Conditions for JTAG Test Port
(see Figure 6-80)
A-513,
-594,
NO.
PARAMETER
UNIT
-810
MIN
MAX
9
td(RTCKL-TDOV)
Delay time, RTCK low to TDO valid
15
ns
Figure 6-80. JTAG Test-Port Timing
222
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com