Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 128 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 124Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 125Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 126Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 127Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 128Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 129Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 130Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 131Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-30. DM6446 EDMA3 Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01c1 030C
DFDST0
EDMA3 TC0 Destination FIFO Destination Address Register 0
0x01c1 0310
DFBIDX0
EDMA3 TC0 Destination FIFO BIDX Register 0
0x01c1 0314
DFMPPRXY0
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 0
0x01c1 0318 - 0x01c1 033F
-
Reserved
0x01c1 0340
DFOPT1
EDMA3 TC0 Destination FIFO Options Register 1
0x01c1 0344
DFSRC1
EDMA3 TC0 Destination FIFO Source Address Register 1
0x01c1 0348
DFCNT1
EDMA3 TC0 Destination FIFO Count Register 1
0x01c1 034C
DFDST1
EDMA3 TC0 Destination FIFO Destination Address Register 1
0x01c1 0350
DFBIDX1
EDMA3 TC0 Destination FIFO BIDX Register 1
0x01c1 0354
DFMPPRXY1
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 1
0x01c1 0358 - 0x01c1 037F
-
Reserved
0x01c1 0380
DFOPT2
EDMA3 TC0 Destination FIFO Options Register 2
0x01c1 0384
DFSRC2
EDMA3 TC0 Destination FIFO Source Address Register 2
0x01c1 0388
DFCNT2
EDMA3 TC0 Destination FIFO Count Register 2
0x01c1 038C
DFDST2
EDMA3 TC0 Destination FIFO Destination Address Register 2
0x01c1 0390
DFBIDX2
EDMA3 TC0 Destination FIFO BIDX Register 2
0x01c1 0394
DFMPPRXY2
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 2
0x01c1 0398 - 0x01c1 03BF
-
Reserved
0x01c1 03C0
DFOPT3
EDMA3 TC0 Destination FIFO Options Register 3
0x01c1 03C4
DFSRC3
EDMA3 TC0 Destination FIFO Source Address Register 3
0x01c1 03C8
DFCNT3
EDMA3 TC0 Destination FIFO Count Register 3
0x01c1 03CC
DFDST3
EDMA3 TC0 Destination FIFO Destination Address Register 3
0x01c1 03D0
DFBIDX3
EDMA3 TC0 Destination FIFO BIDX Register 3
0x01c1 03D4
DFMPPRXY3
EDMA3 TC0 Destination FIFO Memory Protection Proxy Register 3
0x01c1 03D8 - 0x01c1 03FF
-
Reserved
Transfer Controller 1 Registers
0x01c1 0400
-
Reserved
0x01c1 0404
TCCFG
EDMA3 TC1 Configuration Register
0x01c1 0408 - 0x01c1 04FF
-
Reserved
0x01c1 0500
TCSTAT
EDMA3 TC1 Channel Status Register
0x01c1 0504 - 0x01c1 0510
-
Reserved
0x01c1 0514 - 0x01c1 051F
-
Reserved
0x01c1 0520
ERRSTAT
EDMA3 TC1 Error Status Register
0x01c1 0524
ERREN
EDMA3 TC1 Error Enable Register
0x01c1 0528
ERRCLR
EDMA3 TC1 Error Clear Register
0x01c1 052C
ERRDET
EDMA3 TC1 Error Details Register
0x01c1 0530
ERRCMD
EDMA3 TC1 Error Interrupt Command Register
0x01c1 0534 - 0x01c1 053F
-
Reserved
0x01c1 0540
RDRATE
EDMA3 TC1 Read Rate Register
0x01c1 0544 - 0x01c1 05FF
-
Reserved
0x01c1 0600 - 0x01c1 063F
-
Reserved
0x01c1 0640
SAOPT
EDMA3 TC1 Source Active Options Register
0x01c1 0644
SASRC
EDMA3 TC1 Source Active Source Address Register
0x01c1 0648
SACNT
EDMA3 TC1 Source Active Count Register
0x01c1 064C
SADST
EDMA3 TC1 Source Active Destination Address Register
0x01c1 0650
SABIDX
EDMA3 TC1 Source Active Source B-Index Register
0x01c1 0654
SAMPPRXY
EDMA3 TC1 Source Active Memory Protection Proxy Register
128
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com