Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 130 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 126Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 127Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 128Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 129Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 130Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 131Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 132Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 133Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-31. EDMA3 Parameter Set RAM
HEX ADDRESS RANGE
DESCRIPTION
0x01c0 4000 - 0x01c0 401F
Parameters Set 0 (8 32-bit words)
0x01c0 4020 - 0x01c0 403F
Parameters Set 1 (8 32-bit words)
0x01c0 4040 - 0x01c0 405F
Parameters Set 2 (8 32-bit words)
0x01c0 4060 - 0x01c0 407F
Parameters Set 3 (8 32-bit words)
0x01c0 4080 - 0x01c0 409F
Parameters Set 4 (8 32-bit words)
0x01c0 40A0 - 0x01c0 40BF
Parameters Set 5 (8 32-bit words)
...
...
0x01c0 4FC0 - 0x01c0 4FDF
Parameters Set 126 (8 32-bit words)
0x01c0 4FE0 - 0x01c0 4FFF
Parameters Set 127 (8 32-bit words)
Table 6-32. Parameter Set Entries
HEX OFFSET ADDRESS
ACRONYM
PARAMETER ENTRY
WITHIN THE PARAMETER SET
0x0000
OPT
Option
0x0004
SRC
Source Address
0x0008
A_B_CNT
A Count, B Count
0x000C
DST
Destination Address
0x0010
SRC_DST_BIDX
Source B Index, Destination B Index
0x0014
LINK_BCNTRLD
Link Address, B Count Reload
0x0018
SRC_DST_CIDX
Source C Index, Destination C Index
0x001C
CCNT
C Count
130
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com