Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 134 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 130Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 131Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 132Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 133Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 134Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 135Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 136Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 137Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-35. Switching Characteristics Over Recommended Operating Conditions for Asynchronous
Memory Cycles for EMIFA Module(1) (2) (see Figure 6-21 and Figure 6-22)
A-513,
-594,
NO.
PARAMETER
UNIT
-810
MIN
MAX
READS and WRITES
1
td(TURNAROUND)
Turn-around time
(TA + 1) * E - 2
(TA + 1) * E + 2
ns
READS
(RS + RST + RH +
(RS + RST + RH + TA +
EMIF read cycle time (EW = 0)
ns
TA + 4) * E - 0.5
4) * E + 0.5
3
tc(EMRCYCLE)
(RS + RST + RH +
EMIF read cycle time (EW = 1)
4184 * E + 0.5
ns
TA + 4) * E - 0.5
Output setup time, EM_CS[5:2] low to EM_OE low
(RS + 1) * E - 1
(RS + 1) * E + 1.4
ns
(SS = 0)
4
tsu(EMCSL-EMOEL)
Output setup time, EM_CS[5:2] low to EM_OE low
-1
ns
(SS = 1)
Output hold time, EM_OE high to EM_CS[5:2] high
(RH + 1) * E - 2.1
(RH + 1) * E + 1.4
ns
(SS = 0)
5
th(EMOEH-EMCSH)
Output hold time, EM_OE high to EM_CS[5:2] high
-2.2
ns
(SS = 1)
6
tsu(EMBAV-EMOEL)
Output setup time, EM_BA[1:0] valid to EM_OE low
(RS + 1) * E - 1.8
(RS + 1) * E + 1.3
ns
7
th(EMOEH-EMBAIV)
Output hold time, EM_OE high to EM_BA[1:0] invalid
(RH + 1) * E - 2.3
(RH + 1) * E + 1.1
ns
8
tsu(EMAV-EMOEL)
Output setup time, EM_A[21:0] valid to EM_OE low
(RS + 1) * E - 1.9
(RS + 1) * E + 1.5
ns
9
th(EMOEH-EMAIV)
Output hold time, EM_OE high to EM_A[21:0] invalid
(RH + 1) * E - 2.6
(RH + 1) * E + 1.2
ns
EM_OE active low width (EW = 0)
(RST + 1) * E - 2
(RST + 1) * E + 2
ns
10
tw(EMOEL)
EM_OE active low width (EW = 1)
(RST + 1) * E - 2
(RST + 4097) * E + 2
ns
11
td(EMWAITH-EMOEH)
Delay time from EM_WAIT deasserted to EM_OE high
4E + 10.4
ns
WRITES
(WS + WST + WH
(WS + WST + WH + TA
EMIF write cycle time (EW = 0)
ns
+ TA + 4) * E - 0.5
+ 4) * E + 0.5
15
tc(EMWCYCLE)
(WS + WST + WH
EMIF write cycle time (EW = 1)
4184 * E + 0.5
ns
+ TA + 4) * E -0.5
Output setup time, EM_CS[5:2] low to EM_WE low
(WS + 1) * E - 0.9
(WS + 1) * E + 1.4
ns
(SS = 0)
16
tsu(EMCSL-EMWEL)
Output setup time, EM_CS[5:2] low to EM_WE low
-1
ns
(SS = 1)
Output hold time, EM_WE high to EM_CS[5:2] high
(WH + 1) * E - 2.1
(WH + 1) * E + 1.1
ns
(SS = 0)
17
th(EMWEH-EMCSH)
Output hold time, EM_WE high to EM_CS[5:2] high
-2.1
ns
(SS = 1)
18
tsu(EMRNW-EMWEL)
Output setup time, EM_R/W valid to EM_WE low
(WS + 1) * E - 0.7
(WS + 1) * E + 0.9
ns
19
th(EMWEH-EMRNW)
Output hold time, EM_WE high to EM_R/W invalid
(WH + 1) * E - 0.9
(WH + 1) * E + 0.9
ns
20
tsu(EMBAV-EMWEL)
Output setup time, EM_BA[1:0] valid to EM_WE low
(WS + 1) * E - 1.7
(WS + 1) * E + 1.5
ns
21
th(EMWEH-EMBAIV)
Output hold time, EM_WE high to EM_BA[1:0] invalid
(WH + 1) * E - 2.3
(WH + 1) * E + 0.9
ns
22
tsu(EMAV-EMWEL)
Output setup time, EM_A[21:0] valid to EM_WE low
(WS + 1) * E - 1.8
(WS + 1) * E + 1.7
ns
23
th(EMWEH-EMAIV)
Output hold time, EM_WE high to EM_A[21:0] invalid
(WH + 1) * E - 2.6
(WH + 1) * E + 1
ns
EM_WE active low width (EW = 0)
(WST + 1) * E - 2
(WST + 1) * E + 2
ns
24
tw(EMWEL)
EM_WE active low width (EW = 1)
(WST + 1) * E - 2
(WST + 4097) * E + 2
ns
(1)
RS = Read setup, RST = Read STrobe, RH = Read Hold, WS = Write Setup, WST = Write STrobe, WH = Write Hold, TA = Turn
Around, EW = Extend Wait mode, SS = Select Strobe mode. These parameters are programmed via the Asynchronous Bank and
Asynchronous Wait Cycle Configuration Registers and support the following range of values: TA[3:0], RS[15:0], RST[63:0], RH[7:0],
WS[15:0], WST[63:0], WH[7:0], and EW[255:0]. For more information, see the TMS320DM644x DMSoC Asynchronous External Memory
Interface (EMIF) Reference Guide (literature number SPRUE20).
(2)
E = SYSCLK5 period in ns for EMIFA. For example, when running the DSP CPU at 594 MHz, use E = 10.1 ns. For example, when
running the DSP CPU at 810 MHz, use E = 7.4 ns.
134
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com