Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 48Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 49Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 50Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 51Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 52Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 53Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 54Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 55Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 245 page
background image
Supply, reset and clock management
ST7LITE49K2
52/245
Bit 0 = AVDIE Voltage detector interrupt enable bit
This bit is set and cleared by software. It enables an interrupt to be generated when the
AVDF flag is set. The pending interrupt information is automatically cleared when
software enters the AVD interrupt routine.
0: AVD interrupt disabled
1: AVD interrupt enabled
7.5.4
AVD threshold selection register (AVDTHCR)
Reset value: 0000 0011 (003h)
Bits 7:5 = CK[2:0] internal RC prescaler selection
These bits are set by software and cleared by hardware after a reset. These bits select
the prescaler of the internal RC oscillator. See Figure 13: Clock management block
diagram on page 41 and Table 11.
If the internal RC is used with a supply operating range below 3.3 V, a division ratio of
at least 2 must be enabled in the RC prescaler.
Bits 4:2 = Reserved, must be cleared.
Bits 1:0 = AVD[1:0] AVD Threshold selection. These bits are used to select the AVD
threshold. They are set and cleared by software. They are set by hardware after a reset.
7
0
CK2
CK1
CK0
0
0
0
AVD1
AVD0
Read/write
Table 11.
Internal RC prescaler selection bits
CK2
CK1
CK0
fOSC
00
1
fRC/2
01
0
fRC/4
01
1
fRC/8
10
0
fRC/16
others
fRC
Table 12.
AVD threshold selection bits
AVD1
AVD0
Functionality
00
Low
0
1
Medium
1
0
High
11
AVD off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com