Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 28Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 29Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 30Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 31Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 32Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 33Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 34Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 35Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 245 page
background image
Data EEPROM
ST7LITE49K2
32/245
5.6
Data EEPROM read-out protection
The read-out protection is enabled through an option bit (see Section 14.1: Option bytes).
When this option is selected, the programs and data stored in the EEPROM memory are
protected against Read-out (including a re-write protection). In Flash devices, when this
protection is removed by reprogramming the option byte, the entire Program memory and
EEPROM is first automatically erased.
Note:
Both Program Memory and data EEPROM are protected using the same option bit.
Figure 9.
Data EEPROM programming cycle
5.7
EEPROM control/status register (EECSR)
Address: 0035h
Reset value: 0000 0000 (00h)
Bits 7:2 = Reserved, forced by hardware to 0
0: Read mode
1: Write mode
Bit 1 = E2LAT Latch access transfer bit: this bit is set by software.
It is cleared by hardware at the end of the programming cycle. It can only be cleared by
software if the E2PGM bit is cleared
Bit 0 = E2PGM Programming control and status bit
This bit is set by software to begin the programming cycle. At the end of the
programming cycle, this bit is cleared by hardware.
0: Programming finished or not yet started
1: Programming cycle is in progress
Note:
If the E2PGM bit is cleared during the programming cycle, the memory data is not
guaranteed.
LAT
ERASE CYCLE
WRITE CYCLE
PGM
tPROG
READ OPERATION NOT POSSIBLE
WRITE OF
DATA LATCHES
READ OPERATION POSSIBLE
Internal
Programming
voltage
7
0
000000
E2LAT
E2PGM
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com