Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 96Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 97Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 98Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 99Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 100Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 101Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 102Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 103Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 245 page
background image
On-chip peripherals
ST7LITE49K2
100/245
Bits 11:0 = CNTR1[11:0] Counter value
This 12-bit register is read by software and cleared by hardware after a reset. The
counter CNTR1 increments continuously as soon as a counter clock is selected. To
obtain the 12-bit value, software should read the counter value in two consecutive read
operations. As there is no latch, it is recommended to read LSB first. In this case,
CNTR1H can be incremented between the two read operations and to have an
accurate result when ftimer=fCPU, special care must be taken when CNTR1L values
close to FFh are read.
When a counter overflow occurs, the counter restarts from the value specified in the
ATR1 register.
Autoreload register (ATR1H)
Reset value: 0000 0000 (00h)
Autoreload register (ATR1L)
Reset value: 0000 0000 (00h)
Bits 11:0 = ATR1[11:0] Autoreload register 1:
This is a 12-bit register which is written by software. The ATR1 register value is
automatically loaded into the upcounter CNTR1 when an overflow occurs. The register
value is used to set the PWM frequency.
PWM output control register (PWMCR)
Reset value: 0000 0000 (00h)
Bits 7:0 = OE[3:0] PWMx output enable bits
These bits are set and cleared by software and cleared by hardware after a reset.
0: PWM mode disabled. PWMx Output Alternate function disabled (I/O pin free for
general purpose I/O)
1: PWM mode enabled
15
8
0000
ATR11
ATR10
ATR9
ATR8
Read/write
7
0
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
Read/write
7
0
0OE3
0OE2
0OE1
0OE0
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com