Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 99Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 100Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 101Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 102Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 103Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 104Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 105Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 106Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 245 page
background image
ST7LITE49K2
On-chip peripherals
103/245
Bit 4 = BP2EN Break 2 pin enable bit
This bit is read/write by software and cleared by hardware after Reset.
0: BREAK2 pin disabled
1: BREAK2 pin enabled
Bits 3:2 = Reserved, must be kept cleared
Bit 1 = SWBR2 Switch Break for counter 2 bit
This bit is read/write by software. While BREN2 is set, it selects BA1 or BA2 to control
PWM2/3 if ENCNTR2 bit is set.
0: BA1 selected
1: BA2 selected
Bit 0 = SWBR1 Switch Break for counter 1 bit
This bit is read/write by software. While BREN1 is set, it selects BA1 or BA2 to control
PWM0/1 by default and also PWM2/3 if ENCNTR2 bit is reset.
0: BA1 selected
1: BA2 selected
PWMx duty cycle register High (DCRxH)
Reset value: 0000 0000 (00h)
Bits 15:12 = Reserved.
PWMx duty cycle register Low (DCRxL)
Reset value: 0000 0000 (00h)
Bits 11:0 = DCRx[11:0] PWMx Duty Cycle Value: this 12-bit value is written by software. It
defines the duty cycle of the corresponding PWM output signal (see Figure 40).
In PWM mode (OEx=1 in the PWMCR register) the DCR[11:0] bits define the duty cycle of
the PWMx output signal (see Figure 40). In Output Compare mode, they define the value to
be compared with the 12-bit upcounter value.
15
8
0000
DCR11
DCR10
DCR9
DCR8
Read/write
7
0
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com