Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 102Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 103Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 104Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 105Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 106Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 107Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 108Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 109Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 245 page
background image
On-chip peripherals
ST7LITE49K2
106/245
Bit 1= TRAN2 Transfer enable2 bit
This bit is read/write by software, cleared by hardware after each completed transfer
and set by hardware after reset. It controls the transfers on CNTR2.
It allows the value of the Preload DCRx registers to be transferred to the Active DCRx
registers after the next overflow event.
The OPx bits are transferred to the shadow OPx bits in the same way.
Note:
1
DCR2/3 transfer will be controlled using this bit if ENCNTR2 bit is set.
2
This bit must not be reset by software
Bit 0 = TRAN1 Transfer enable 1 bit
This bit is read/write by software, cleared by hardware after each completed transfer
and set by hardware after reset. It controls the transfers on CNTR1. It allows the value
of the Preload DCRx registers to be transferred to the Active DCRx registers after the
next overflow event.
The OPx bits are transferred to the shadow OPx bits in the same way.
Note:
1
DCR0,1 transfers are always controlled using this bit.
2
DCR2/3 transfer will be controlled using this bit if ENCNTR2 is reset.
3
This bit must not be reset by software
Autoreload register 2 (ATR2H)
Reset value: 0000 0000 (00h)
Autoreload register (ATR2L)
Reset value: 0000 0000 (00h)
Bits 11:0 = ATR2[11:0] Autoreload register 2
This is a 12-bit register which is written by software. The ATR2 register value is
automatically loaded into the upcounter CNTR2 when an overflow of CNTR2 occurs. The
register value is used to set the PWM2/PWM3 frequency when ENCNTR2 is set.
15
8
0000
ATR11
ATR10
ATR9
ATR8
Read/write
7
0
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com