Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 11Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 12Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 13Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 14Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 15Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 16Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 17Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 18Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 245 page
background image
ST7LITE49K2
Description
15/245
1
Description
The ST7LITE49K2 is a member of the ST7 microcontroller family. All ST7 devices are based
on a common industry-standard 8-bit core, featuring an enhanced instruction set.
The ST7LITE49K2 features Flash memory with byte-by-byte In-Circuit Programming (ICP)
and In-Application Programming (IAP) capability.
Under software control, the ST7LITE49K2 device can be placed in Wait, Slow, or Halt mode,
reducing power consumption when the application is in idle or standby state.
The enhanced instruction set and addressing modes of the ST7 offer both power and
flexibility to software developers, enabling the design of highly efficient and compact
application code. In addition to standard 8-bit data management, all ST7 microcontrollers
feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.
The ST7LITE49K2 features an on-chip Debug Module (DM) to support In-Circuit Debugging
(ICD). For a description of the DM registers, refer to the ST7 ICC Protocol Reference
Manual.
Table 1.
ST7LITE49K2 device summary
Features
ST7LITE49K2
Program memory - bytes
8K
RAM (stack) - bytes
384 (128)
Data EEPROM - bytes
256
Operating Supply
2.4 to 5.5 V
CPU Frequency
Up to 8 MHz
Operating Temperature
-40 to +125 °C
Packages
LQFP32, SDIP32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com