| Electronic Components Datasheet Search |
|
ST7LITE49K2 Datasheet(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE49K2 Datasheet(HTML) 89 Page - STMicroelectronics |
|
89 / 245 page ![]() ST7LITE49K2 On-chip peripherals 89/245 Figure 42. Dead time generation In the above example, when the DTE bit is set: ● PWM goes low at DCR0 match and goes high at ATR1+Tdt ● PWM1 goes high at DCR0+Tdt and goes low at ATR match. With this programmable delay (Tdt), the PWM0 and PWM1 signals which are generated are not overlapped. Break function The break function can be used to perform an emergency shutdown of the application being driven by the PWM signals. The break function is activated by the external BREAKx pins. This can be selected by using the BRxSEL bits in BREAKCRx register. In order to use the break function it must be previously enabled by software setting the BPENx bits in the BREAKCRx registers. The Break active level can be programmed by the BRxEDGE bits in the BREAKCRx registers. When an active level is detected on the BREAKx pins, the BAx bits are set and the break function is activated. In this case, the PWM signals are forced to BREAK value if respective OEx bit is set in PWMCR register. Software can set the BAx bits to activate the break function without using the BREAKx pins. The BREN1 and BREN2 bits in the BREAKEN register are used to enable the break activation on the 2 counters respectively. In Dual Timer mode, the break for PWM2 and PWM3 is enabled by the BREN2 bit. In Single Timer mode, the BREN1 bit enables the break for all PWM channels. DCR0+1 ATR1 DCR0 Tdt Tdt Tdt = DT[6:0] x Tcounter1 PWM 0 PWM 1 CNTR1 CK_CNTR1 Tcounter1 OVF PWM 0 PWM 1 counter = DCR0 counter = DCR1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |