Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 34Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 35Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 36Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 37Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 38Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 39Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 40Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 41Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 245 page
background image
Supply, reset and clock management
ST7LITE49K2
38/245
7
Supply, reset and clock management
The device includes a range of utility features for securing the application in critical
situations (for example in case of a power brown-out), and reducing the number of external
components. The main features are the following:
Clock management
8 MHz internal RC oscillator (enabled by option byte)
Auto-wakeup RC oscillator (enabled by option byte)
1 to 16 MHz or 32 kHz External crystal/ceramic resonator (selected by option byte)
External clock input (enabled by option byte)
For clock ART counter only: PLL32 for multiplying the 8 MHz frequency by 4
(enabled by option byte). The 8 MHz input frequency is mandatory and can be
obtained in the following ways:
- from 8-MHz internal RC oscillator
- from 16-MHz external crystal/ceramic resonator (divided internally by two by
default)
Reset Sequence Manager (RSM)
System Integrity management (SI)
Main supply Low voltage detection (LVD) with reset generation (enabled by option
byte)
Auxiliary Voltage detector (AVD) with interrupt capability for monitoring the main
supply (enabled by option byte)
7.1
RC oscillator adjustment
7.1.1
Internal RC oscillator
The device contains an internal RC oscillator with a specific accuracy for a given device,
temperature and voltage range (4.5 V - 5.5 V). It must be calibrated to obtain the frequency
required in the application. This is done by software writing a 10-bit calibration value in the
RCCR (RC Control register) and in the bits 6:5 in the SICSR (SI Control Status register).
Whenever the microcontroller is reset, the RCCR returns to its default value (FFh), i.e. each
time the device is reset, the calibration value must be loaded in the RCCR. Predefined
calibration values are stored in EEPROM for 3 and 5 V VDD supply voltages at 25 °C (see
Table 5).
Table 5.
Predefined RC oscillator calibration values
RCCR
Conditions
ST7LITE49K2
Address
RCCRH0
VDD= 5V
TA= 25°C
fRC = 8 MHz
DEE0h(1) (CR[9:2])
RCCRL0
DEE1h(1) (CR[1:0])
RCCRH1
VDD = 3.3 V
TA= 25°C
fRC = 8 MHz
DEE2h(1) (CR[9:2])
RCCRL1
DEE3h(1) (CR[1:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com