Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 55Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 56Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 57Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 58Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 59Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 60Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 61Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 62Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 245 page
background image
ST7LITE49K2
Interrupts
59/245
8.5
Description of interrupt registers
8.5.1
CPU CC register interrupt bits
Reset value: 111x 1010(xAh)
Bits 5, 3 = I1, I0 Software interrupt priority bits
These two bits indicate the current interrupt software priority (see Table 15).
These two bits are set/cleared by hardware when entering in interrupt. The loaded
value is given by the corresponding bits in the interrupt software priority registers
(ISPRx).
They can be also set/cleared by software with the RIM, SIM, HALT, WFI, IRET and
PUSH/POP instructions (see Table 17: Dedicated interrupt instruction set).
TRAP and RESET events can interrupt a level 3 program.
8.5.2
Interrupt software priority registers (ISPRx)
All ISPRx register bits are read/write except bit 7:4 of ISPR3 which are read only.
Reset value: 1111 1111 (FFh)
ISPRx registers contain the interrupt software priority of each interrupt vector. Each interrupt
vector (except RESET and TRAP) has corresponding bits in these registers to define its
software priority. This correspondence is shown in Table 16.
Each I1_x and I0_x bit value in the ISPRx registers has the same meaning as the I1 and I0
bits in the CC register.
7
0
11
I1
H
I0
N
Z
C
Read/write
Table 15.
Setting the interrupt software priority
Interrupt software priority
Level
I1
I0
Level 0 (main)
Low
High
10
Level 1
0
1
Level 2
0
Level 3 (= interrupt disable*)
1
1
70
ISPR0
I1_3
I0_3
I1_2
I0_2
I1_1
I0_1
I1_0
I0_0
ISPR1
I1_7
I0_7
I1_6
I0_6
I1_5
I0_5
I1_4
I0_4
ISPR2
I1_11
I0_11
I1_10
I0_10
I1_9
I0_9
I1_8
I0_8
ISPR3
1
1
1
1
1
1
I1_12
I0_12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com