Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 37Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 38Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 39Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 40Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 41Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 42Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 43Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 44Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 245 page
background image
ST7LITE49K2
Supply, reset and clock management
41/245
Figure 13.
Clock management block diagram
CR6
CR9
CR2
CR3
CR4
CR5
CR8
CR7
fOSC
MCCSR
SMS
MCO
MCO
fCPU
fCPU
TO CPU AND
PERIPHERALS
(1ms timebase @ 8 MHz fOSC)
/32 DIVIDER
fOSC
fOSC/32
fOSC
fLTIMER
1
0
LITE TIMER 2 COUNTER
8-BIT
AT TIMER 2
12-BIT
CLKIN
OSC2
CLKIN
Tunable
Oscillator
RC
/2
DIVIDER
Option bits
CLKSEL[1:0]
OSC
1-16 MHz
CLKIN
CLKIN
/OSC1
OSC
/2
DIVIDER
OSC/2
CLKIN/2
CLKIN/2
Option bits
CLKSEL[1:0]
CR1
CR0
or 32 kHz
CKCNTCSR
RC/AWU
Clock controller
fCPU
AWU RC OSC
8 MHz
2 MHz
1 MHz
4 MHz
Prescaler
8 MHz (fRC)
RC OSC
500 kHz
CK2
CK1
CK0
AVDTHCR
RCCR
SICSR
PLL
8 MHz --> 32 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com