Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 82Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 83Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 84Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 85Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 86Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 87Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 88Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 89Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 245 page
background image
On-chip peripherals
ST7LITE49K2
86/245
11.2.3
Functional description
PWM mode
This mode allows up to four Pulse Width Modulated signals to be generated on the PWMx
output pins.
PWM frequency
The four PWM signals can have the same frequency (fPWM) or can have two different
frequencies. This is selected by the ENCNTR2 bit which enables Single Timer or Dual
Timer mode (see Figure 37 and Figure 38). The frequency is controlled by the counter
period and the ATR register value. In Dual Timer mode, PWM2 and PWM3 can be
generated with a different frequency controlled by CNTR2 and ATR2.
Following the above formula, if fCOUNTER equals 4 MHz, the maximum value of fPWM is
2 MHz (ATR register value = 4094), and the minimum value is 1 kHz (ATR register
value = 0).
The maximum value of ATR is 4094 because it must be lower than the DC4R value
which must be 4095 in this case.
To update the DCRx registers at 32 MHz, the following precautions must be taken:
If the PWM frequency is < 1 MHz and the TRANx bit is set asynchronously, it
should be set twice after a write to the DCRx registers.
If the PWM frequency is > 1 MHz, the TRANx bit should be set along with
FORCEx bit with the same instruction (use a load instruction and not 2 bset
instructions).
Duty cycle
The duty cycle is selected by programming the DCRx registers. These are preload
registers. The DCRx values are transferred in Active duty cycle registers after an
overflow event if the corresponding transfer bit (TRANx bit) is set.
The TRAN1 bit controls the PWMx outputs driven by counter 1 and the TRAN2 bit
controls the PWMx outputs driven by counter 2.
PWM generation and output compare are done by comparing these active DCRx
values with the counter.
The maximum available resolution for the PWMx duty cycle is:
where ATR is equal to 0. With this maximum resolution, 0% and 100% duty cycle can
be obtained by changing the polarity.
At reset, the counter starts counting from 0.
When a upcounter overflow occurs (OVF event), the preloaded Duty cycle values are
transferred to the active Duty Cycle registers and the PWMx signals are set to a high
level. When the upcounter matches the active DCRx value the PWMx signals are set to
a low level. To obtain a signal on a PWMx pin, the contents of the corresponding active
DCRx register must be greater than the contents of the ATR register.
f
PWM
f
COUNTER
4096
ATR
()
=
Resolution
1
4096
ATR
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com