Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 40Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 41Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 42Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 43Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 44Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 45Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 46Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 47Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 245 page
background image
Supply, reset and clock management
ST7LITE49K2
44/245
Caution:
When the ST7 is unprogrammed or fully erased, the Flash is blank and the Reset vector is
not programmed. For this reason, it is recommended to keep the RESET pin in low state
until programming mode is entered, in order to avoid unwanted behavior.
The 256 CPU clock cycle delay allows the oscillator to stabilize and ensures that recovery
has taken place from the Reset state. The shorter or longer clock cycle delay is
automatically selected depending on the clock source chosen by option byte.
The Reset vector fetch phase duration is 2 clock cycles.
Figure 14.
Reset sequence phases
Table 7.
CPU clock delay during Reset sequence
Clock source
CPU clock cycle delay
Internal RC 8 MHz Oscillator
4096
Internal RC 32 kHz Oscillator
256
External clock (connected to CLKIN/PB1 pin)
4096
External Crystal/Ceramic Oscillator (connected to OSC1/OSC2 pins)
4096
External Crystal/Ceramic 1-16 MHz Oscillator
4096
External Crystal/Ceramic 32 kHz Oscillator
256
RESET
active phase
Internal reset
256 or 4096 clock cycles
Fetch
vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com