Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 17Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 18Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 19Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 20Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 21Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 22Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 23Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 24Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 245 page
background image
ST7LITE49K2
Register and memory mapping
21/245
3
Register and memory mapping
As shown in Figure 4, the MCU is capable of addressing 64 Kbytes of memories and I/O
registers.
The available memory locations consist of 128 bytes of register locations, 384 bytes of
RAM, 256 bytes of data EEPROM and 8 Kbytes of Flash program memory. The RAM space
includes up to 128 bytes for the stack from 180h to 1FFh.
The highest address bytes contain the user reset and interrupt vectors.
The Flash memory contains two sectors (see ) mapped in the upper part of the ST7
addressing space so the reset and interrupt vectors are located in Sector 0 (FFE0h-FFFFh).
The size of Flash Sector 0 and other device options are configurable by option bytes (refer
to Section 14.1 on page 230).
Caution:
Memory locations marked as “Reserved” must never be accessed. Accessing a reserved
area can have unpredictable effects on the device.
Table 3.
Hardware register map(1)
Address
Block
Register label
Register name
Reset status
Remarks
0000h
0001h
0002h
Port A
PADR
PADDR
PAOR
Port A Data register
Port A Data Direction register
Port A Option register
00h
00h
00h
R/W
R/W
R/W
0003h
0004h
0005h
Port B
PBDR
PBDDR
PBOR
Port B Data register
Port B Data Direction register
Port B Option register
00h
00h
00h
R/W
R/W
R/W
0006h
0007h
0008h
Port C
PCDR
PCDDR
PCOR
Port C Data register
Port C Data Direction register
Port C Option register
00h
00h
08h
R/W
R/W
R/W
0009h to
000Bh
Reserved area (3 bytes)
000Ch
000Dh
000Eh
000Fh
0010h
LITE
TIMER
LTCSR2
LTARR
LTCNTR
LTCSR1
LTICR
Lite Timer Control/Status register 2
Lite Timer Auto-reload register
Lite Timer Counter register
Lite Timer Control/Status register 1
Lite Timer Input Capture register
0Fh
00h
00h
0x00 0000b
xxh
R/W
R/W
Read Only
R/W
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com