Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 18Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 19Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 20Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 21Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 22Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 23Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 24Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 25Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 245 page
background image
Register and memory mapping
ST7LITE49K2
22/245
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
0020h
0021h
0022h
0023h
0024h
0025h
0026h
0027h
0028h
0029h
002Ah
AUTO-
RELOAD
TIMER
ATCSR
CNTR1H
CNTR1L
ATR1H
ATR1L
PWMCR
PWM0CSR
PWM1CSR
PWM2CSR
PWM3CSR
DCR0H
DCR0L
DCR1H
DCR1L
DCR2H
DCR2L
DCR3H
DCR3L
ATICRH
ATICRL
ATCSR2
BREAKCR1
ATR2H
ATR2L
DTGR
BREAKEN
Timer Control/Status register
Counter register 1 High
Counter register 1 Low
Auto-Reload register 1 High
Auto-Reload register 1 Low
PWM Output Control register
PWM 0 Control/Status register
PWM 1 Control/Status register
PWM 2 Control/Status register
PWM 3 Control/Status register
PWM 0 Duty Cycle register High
PWM 0 Duty Cycle register Low
PWM 1 Duty Cycle register High
PWM 1 Duty Cycle register Low
PWM 2 Duty Cycle register High
PWM 2 Duty Cycle register Low
PWM 3 Duty Cycle register High
PWM 3 Duty Cycle register Low
Input Capture register High
Input Capture register Low
Timer Control/Status register 2
Break Control register 1
Auto-Reload register 2 High
Auto-Reload register 2 Low
Dead Time Generation register
Break Enable register
0x00 0000b
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
03h
00h
00h
00h
00h
03h
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
R/W
R/W
002Bh
Reserved area (1 byte)
002Ch
AUTO-
RELOAD
TIMER
BREAKCR2
Break Control register 2
00h
R/W
002Dh
002Eh
002Fh
0030h
0031h
ITC
ISPR0
ISPR1
ISPR2
ISPR3
EICR
Interrupt Software Priority register 0
Interrupt Software Priority register 1
Interrupt Software Priority register 2
Interrupt Software Priority register 3
External Interrupt Control register
FFh
FFh
FFh
FFh
00h
R/W
R/W
R/W
R/W
R/W
0032h
Reserved area (1 byte)
0033h
WDG
WDGCR
Watchdog Control register
7Fh
R/W
0034h
FLASH
FCSR
Flash Control/Status register
00h
R/W
0035h
EEPROM
EECSR
Data EEPROM Control/Status register
00h
R/W
0036h
0037h
0038h
ADC
ADCCSR
ADCDRH
ADCDRL
A/D Control Status register
A/D Data register High
A/D Amplifier Control/Data Low Register
00h
xxh
0xh
R/W
Read Only
R/W
0039h
Reserved area (1 byte)
003Ah
MCC
MCCSR
Main Clock Control/Status register
00h
R/W
Table 3.
Hardware register map(1) (continued)
Address
Block
Register label
Register name
Reset status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com